Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0AMA Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # 0AMA
Description  Stand Alone FFT Processor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

0AMA Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button 0AMA Datasheet HTML 3Page - Mitel Networks Corporation 0AMA Datasheet HTML 4Page - Mitel Networks Corporation 0AMA Datasheet HTML 5Page - Mitel Networks Corporation 0AMA Datasheet HTML 6Page - Mitel Networks Corporation 0AMA Datasheet HTML 7Page - Mitel Networks Corporation 0AMA Datasheet HTML 8Page - Mitel Networks Corporation 0AMA Datasheet HTML 9Page - Mitel Networks Corporation 0AMA Datasheet HTML 10Page - Mitel Networks Corporation 0AMA Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
PDSP16510A MA
7
Characteristic
Data In set up Time
Data In Hold Time
INEN active going set up
INEN active Hold Time
INEN in-active Hold Time to ensure no load
INEN in-active going set up for no load operation
Delay to LFLG going active ( 30 pf load )
Delay to LFLG going in-active ( 30 pf load )
Min time to INEN low in edge mode
input and output buffering in addition to working memory. The
device is then configured in a mode with separate load,
transform and dump operations. The internal arrangement is
shown in Fig. 5. The support of an external input buffer is
needed if incoming samples are not to be lost whilst a
transform is in progress. This is loaded at the sample clock
rate and transferred to the FFT processor as quickly as
possible. In this mode the PDSP16510 always expects to
receive 1024 words, regardless of the amount of block over-
lapping. Data stored internally cannot be re-used when block
overlapping is required, and data from the external buffer must
be re-read as necessary.
Fig. 6 illustrates a typical 1024 point system with an input
buffer which supports complex input data. The input buffer
can be provided by a PDSP16540 Bucket Buffer without the
need for any external control logic. It supplies RAM for 1024
x 32 complex words, and allows transfers to the FFT Proces-
sor at the full system clock rate. The PDSP16540 also sup-
ports the standard 50% and 75% data block overlapping, but
in addition allows the user to define the amount of overlap to
within 32 words.
If no incoming data is to remain un-processed, the user
must ensure that the time taken to acquire sufficient data to
instigate a new transform is greater than or equal to the
transformation time itself. The latter can be calculated from
Table 1. Advanced Timing Information with Continuous Inputs.
Table 4, once the system clock rate has been defined. When
1024 point transforms are performed, both the time to read
data from the input buffer, and also the time to dump data,
must be included in the calculation to determine the minimum
time in which data can be loaded into the external buffer.
The peak transfer rate is limited by the characteristics of
the I/O circuits, but can be greater than the sampling rate
which is determined by the transform time. When load and
dump operations are not concurrent with transform operations
( as in the 1024 point modes ), then the maximum I/O rate is
equal to the system clock rate, Ø. When other transform sizes
are specified, the sampling rate, S, is reduced by a factor F.
This is defined below where Ø is in MHz and L is the system
clock low time in nanoseconds;
S = FØ,
where F =
4
6 + 0.001ØL
F is typically 0.66 and applies to all transforms except for those
of 1024 points, even if INEN is driven such that concurrent
operations do not actually occur. If this causes a system
limitation in a single device application, then the device can be
configured for pseudo, Mode 2, multiple device operation.
Separate load, transform, and then dump operations will then
always occur, but DEN must be low when a transform is
†
†
†
†
†
†
†
†
†
Symbol
Min
Max
Units
T
SD
10
ns
T
HD
0ns
T
SA
8ns
T
HA
0ns
T
HI
2ns
T
SI
8ns
T
FH
10
ns
T
FL
10
ns
T
ED
15
ns
16510A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com