Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0AMA Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # 0AMA
Description  Stand Alone FFT Processor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

0AMA Datasheet(HTML) 4 Page - Mitel Networks Corporation

  0AMA Datasheet HTML 1Page - Mitel Networks Corporation 0AMA Datasheet HTML 2Page - Mitel Networks Corporation 0AMA Datasheet HTML 3Page - Mitel Networks Corporation 0AMA Datasheet HTML 4Page - Mitel Networks Corporation 0AMA Datasheet HTML 5Page - Mitel Networks Corporation 0AMA Datasheet HTML 6Page - Mitel Networks Corporation 0AMA Datasheet HTML 7Page - Mitel Networks Corporation 0AMA Datasheet HTML 8Page - Mitel Networks Corporation 0AMA Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
PDSP16510A MA
4
SIGNAL
TYPE
DESCRIPTION
D15:0
I
Data input during real only mode, The real component in complex data mode.
AUX15:0
I
When DEF is active AUX15:0 are used to define the operating mode as defined in Table 3.
When DEF is in-active AUX15:0 either provide the 16 bit imaginary component of complex
input data, or a second set of real only inputs.
R15:0
O
These pins output the real component of the transformed data when DAV and DEN are active.
Otherwise they are high impedance.
I15:0
O
These pins output the imaginary component of the transformed data when DAV and DEN are
active. Otherwise they are high impedance.
DEF
I
The high going edge of DEF is used to internally latch the contents of AUX15:0, which then
define the operating mode. In the simplest system DEF is a power on reset. When DEF is low
the internal control logic is reset.
SCLK
I
System clock used for internal computations.
S3:0
O
These pins indicate the number of shifts towards the binary point which have occurred as the
result of the conditional scaling logic. When the data path right shift is restricted to 2 places
per pass, state 15 is used to indicate an overflow and only a total of 14 shifts is possible.
LFLG
O
This flag indicates that data is being loaded into the device. It goes active in response to an
INEN input, and may be programmed to go in-active after the complete, one quarter, or one
half a data block has been loaded.
INEN
I
The use of this input is mode dependent. It is either used as an active low, load enabling,
signal for the DIS strobe, or it is used to initiate a new block load operation.
DIS
I
The rising edge of this asynchronous input is used to load data into the device.
DOS
I
The rising edge of this asynchronous input is used to dump data from the device. In most
applications it may be tied to the DIS input, even if the output rate must be higher than the input
rate because of overlapped data blocks. The DIS input is then internally divided down.
DAV
O
An active low signal that indicates that a transform is complete. Transformed data will then
be outputed in normal sequential order using DOS. It may be optionally programmed to be
delayed by 24 DOS strobes to match the delay through a PDSP16330.
DEN
I
This input is used to enable the data dump operation when DAV has gone active. If it is tied
low the device will automatically dump data when DAV goes active. Otherwise the device will
wait for the enabling signal to go low before the dump operation commences.
DISAB
I
Only available in the 132 pin GC package. When high the block floating logic is disabled.
VDD
P
+5V pins
GND
P
Ground pins
NOTE. All references to DEF, INEN, DAV, and DEN within the text do not contain the bar designator, signifying an active low
signal. This is considered to be implied by the signal name and is not meant to imply a change in the signal function.
FUNCTIONAL OPERATION
The PDSP16510 performs decimation in time, radix 4,
forward or inverse Fast Fourier Transforms. Data is loaded
into an internal workspace RAM in normal sequential order,
processed, and then dumped in the correct order. With real
only input data the processing time can approximately be
halved for a given transform size. Two real inputs then replace a
single complex input, and are processed in parallel.
Either a Blackman Harris or a Hamming window can be
generated internally, and applied to the incoming real or complex
data with no time penalty. No external ROM is needed to support
these windows. The Blackman Harris window gives improved
dynamic range over the Hamming window when two closely



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com