Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP112 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP112
Description  TMP112-Q1 Automotive Grade High-Accuracy, Low-Power, Digital Temperature Sensor in SOT563
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112 Datasheet(HTML) 1 Page - Texas Instruments

  TMP112 Datasheet HTML 1Page - Texas Instruments TMP112 Datasheet HTML 2Page - Texas Instruments TMP112 Datasheet HTML 3Page - Texas Instruments TMP112 Datasheet HTML 4Page - Texas Instruments TMP112 Datasheet HTML 5Page - Texas Instruments TMP112 Datasheet HTML 6Page - Texas Instruments TMP112 Datasheet HTML 7Page - Texas Instruments TMP112 Datasheet HTML 8Page - Texas Instruments TMP112 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Diode
temp.
sensor
Σ
ADC
Oscillator
Control
logic
Serial
interface
Config.
and temp.
register
TMP112-Q1
Temperature
SCL
1
3
6
4
ALERT
SDA
GND
2
5
V+
ADD0
SCL
GND
ALERT
2
4
1
ADD0
V+
6
3
5
0.01 µF
Two-Wire
Host Controller
TMP112-Q1
1.4 V to 3.6 V
SDA
Pullup Resistors
Supply Bypass
Capacitor
Supply Voltage
5 k
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TMP112-Q1
SLOS887D – SEPTEMBER 2014 – REVISED DECEMBER 2015
TMP112-Q1 Automotive Grade High-Accuracy, Low-Power,
Digital Temperature Sensor in SOT563
1 Features
3 Description
The TMP112-Q1 device is a digital temperature
1
•
AEC-Q100 Qualified with:
sensor ideal for NTC/PTC thermistor replacement
–
Temperature Grade 1: –40°C to 125°C
where high accuracy is required. The device offers an
Ambient Operating Temperature Range
accuracy of ±0.5°C without requiring calibration or
–
Device HBM ESD Classification Level 2
external
component
signal
conditioning.
Device
temperature sensors are highly linear and do not
–
Device CDM ESD Classification Level C6
require complex calculations or lookup tables to
•
SOT563 Package (1.6 mm × 1.6 mm) is a 68%
derive the temperature. The calibrating for improved
Smaller Footprint than SOT23
accuracy feature allows users to calibrate for an
•
Accuracy Without Calibration:
accuracy as good as ±0.17°C (see the Calibrating for
Improved Accuracy section). The on-chip 12-bit ADC
–
0.5°C (max) from 0°C to 65°C
offers resolutions down to 0.0625°C.
–
1°C (max) from –40°C to 125°C
The 1.6-mm × 1.6-mm SOT563 package is 68%
•
Low Quiescent Current:
smaller footprint than an SOT23 package. The
–
10-
μA Active (max)
TMP112-Q1 device features SMBus™, two-wire and
–
1-
μA Shutdown (max)
I2C interface compatibility, and allows up to four
devices on one bus. The device also features an
•
Supply Range: 1.4 to 3.6 V
SMBus alert function. The device is specified to
•
Resolution: 12 Bits
operate over supply voltages from 1.4 to 3.6 V with
•
Digital Output: SMBus™, Two-Wire and I2C
the maximum quiescent current of 10 µA over the full
Interface Compatibility
operating range.
•
NIST Traceable
The
TMP112-Q1
device
is
ideal
for
extended
temperature measurement in control units, climate
2 Applications
control, infotainment, and sensor modules. The
device is specified for operation over a temperature
•
Climate Control
range of –40°C to 125°C.
•
Infotainment Processor Management
The TMP112-Q1 production units are 100% tested
•
Airflow Sensor
against sensors that are NIST-traceable and are
•
Battery Control Unit
verified with equipment that are NIST-traceable
•
Engine Control Unit
through ISO/IEC 17025 accredited calibrations.
•
UREA Sensors
Device Information(1)
•
Water Pumps
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
HID Lamps
TMP112-Q1
SOT563 (6)
1.60 mm × 1.20 mm
•
Airbag Control Unit
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic
Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMP112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP112 TI-TMP112 Datasheet
539Kb / 24P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112 Datasheet
625Kb / 25P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112 Datasheet
955Kb / 30P
Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112 Datasheet
982Kb / 32P
High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112 Datasheet
1Mb / 36P
TMP110 Ultra-Small, ±1.0°C Accurate, I2C Digital Temperature Sensor for Cost- Sensitive Systems
FEBRUARY 2024
More results

Similar Description - TMP112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP112 TI-TMP112 Datasheet
539Kb / 24P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112_1 Datasheet
625Kb / 25P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_15 Datasheet
988Kb / 35P
TMP112 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102-Q1 TI-TMP102-Q1 Datasheet
854Kb / 29P
TMP102-Q1 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
HDC1000 TI1-HDC1000_16 Datasheet
1Mb / 31P
Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1010 TI1-HDC1010 Datasheet
253Kb / 7P
Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1080 TI1-HDC1080 Datasheet
467Kb / 26P
Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
TMP112 TI1-TMP112_18 Datasheet
982Kb / 32P
High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
HDC3020-Q1 TI-HDC3020-Q1 Datasheet
1Mb / 46P
HDC3020-Q1 Automotive High-Accuracy, Low-Power, Digital Humidity and Temperature Sensor With Ultra-Low Drift
TMP127-Q1 TI-TMP127-Q1 Datasheet
1Mb / 27P
TMP127-Q1 High-Accuracy, Low-Power, Digital Temperature Sensor With 3-Wire, SPICompatible Interface
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com