Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP435ADGST Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMP435ADGST
Description  짹1째C TEMPERATURE SENSOR with Series-R,n-Factor, Automatic Beta Compensation and Programmable Addressing
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP435ADGST Datasheet(HTML) 4 Page - Texas Instruments

  TMP435ADGST Datasheet HTML 1Page - Texas Instruments TMP435ADGST Datasheet HTML 2Page - Texas Instruments TMP435ADGST Datasheet HTML 3Page - Texas Instruments TMP435ADGST Datasheet HTML 4Page - Texas Instruments TMP435ADGST Datasheet HTML 5Page - Texas Instruments TMP435ADGST Datasheet HTML 6Page - Texas Instruments TMP435ADGST Datasheet HTML 7Page - Texas Instruments TMP435ADGST Datasheet HTML 8Page - Texas Instruments TMP435ADGST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
TMP435
SBOS495A – MARCH 2010 – REVISED APRIL 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
At TA = –40°C to +125°C and VS = 2.7V to 5.5V, unless otherwise noted.
TMP435
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
Specified Voltage Range
VS
2.7
5.5
V
Quiescent Current
IQ
0.0625 Conversions per Second, VS = 3.3V
35
45
mA
Eight Conversions per Second, VS = 3.3V
(5)
0.7
1
mA
Serial Bus Inactive, Shutdown Mode
3
10
mA
Serial Bus Active, fS = 400kHz, Shutdown Mode
90
mA
Serial Bus Active, fS = 3.4MHz, Shutdown Mode
350
mA
Undervoltage Lockout
UVLO
2.3
2.4
2.6
V
Power-On Reset Threshold
POR
1.6
2.3
V
TEMPERATURE RANGE
Specified Range
–40
+125
°C
Storage Range
–60
+130
°C
Thermal Resistance, MSOP-10
qJA
165
°C/W
(5)
Beta correction disabled.
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TMP435



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com