Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP435ADGST Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMP435ADGST
Description  짹1째C TEMPERATURE SENSOR with Series-R,n-Factor, Automatic Beta Compensation and Programmable Addressing
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP435ADGST Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP435ADGST Datasheet HTML 6Page - Texas Instruments TMP435ADGST Datasheet HTML 7Page - Texas Instruments TMP435ADGST Datasheet HTML 8Page - Texas Instruments TMP435ADGST Datasheet HTML 9Page - Texas Instruments TMP435ADGST Datasheet HTML 10Page - Texas Instruments TMP435ADGST Datasheet HTML 11Page - Texas Instruments TMP435ADGST Datasheet HTML 12Page - Texas Instruments TMP435ADGST Datasheet HTML 13Page - Texas Instruments TMP435ADGST Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
C
(3)
DIFF
C
(3)
DIFF
R
(2)
S
R
(2)
S
R
(2)
S
R
(2)
S
Diode-connectedconfiguration :
(1)
SeriesResistance
Transistor-connectedconfiguration :
(1)
DXP
DXN
V+
1
10
9
4
5
3
2
SCL
SDA
THERM
+5V
SMBus
Controller
8
GND
ALERTTHERM2
/
7
6
TMP435
A1
A0
TMP435
SBOS495A – MARCH 2010 – REVISED APRIL 2010
www.ti.com
For data captured in the extended temperature range
Both local and remote temperature data use two
configuration, an offset of 64 (40h) is added to the
bytes for data storage. The high byte stores the
standard binary value, as shown in Table 1, Extended
temperature with 1°C resolution. The second or low
Binary
column.
This
configuration
allows
byte
stores
the
decimal
fraction
value
of
the
measurement of temperatures as low as –64°C, and
temperature
and
allows
a
higher
measurement
as
high
as
+191°C;
however,
most
resolution, as shown in Table 2.
temperature-sensing diodes only measure with the
The measurement resolution for both the local and
range of –55°C to +150°C.
remote
channels
is
0.0625°C,
and
cannot
be
Additionally, the TMP435 is rated only for ambient
adjusted.
local temperatures ranging from –40°C to +125°C.
Parameters in the Absolute Maximum Ratings table
must be observed.
(1)
Diode-connected configuration provides better settling time. Transistor-connected configuration provides better series
resistance cancellation.
(2)
RS (optional) should be < 1kΩ in most applications. Selection of RS depends on specific application; see Filtering
section.
(3)
CDIFF (optional) should be < 2200pF in most applications. Selection of CDIFF depends on specific application; see
Filtering section and Figure 9, Remote Temperature Error vs Differential Capacitance.
Figure 13. TMP435 Basic Connections
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TMP435



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com