Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP435ADGST Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP435ADGST
Description  짹1째C TEMPERATURE SENSOR with Series-R,n-Factor, Automatic Beta Compensation and Programmable Addressing
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP435ADGST Datasheet(HTML) 1 Page - Texas Instruments

  TMP435ADGST Datasheet HTML 1Page - Texas Instruments TMP435ADGST Datasheet HTML 2Page - Texas Instruments TMP435ADGST Datasheet HTML 3Page - Texas Instruments TMP435ADGST Datasheet HTML 4Page - Texas Instruments TMP435ADGST Datasheet HTML 5Page - Texas Instruments TMP435ADGST Datasheet HTML 6Page - Texas Instruments TMP435ADGST Datasheet HTML 7Page - Texas Instruments TMP435ADGST Datasheet HTML 8Page - Texas Instruments TMP435ADGST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
TMP435
DXP
DXN
V+
1
10
9
4
5
3
2
SCL
SDA
THERM
+5V
SMBus
Controller
8
GND
ALERTTHERM2
/
7
6
OneChannelLocal
OneChannelRemote
TMP435
A1
A0
TMP435
www.ti.com
SBOS495A – MARCH 2010 – REVISED APRIL 2010
±1°C TEMPERATURE SENSOR with Series-R,
n-Factor, Automatic Beta Compensation and Programmable Addressing
Check for Samples: TMP435
1
FEATURES
DESCRIPTION
234
•
±1°C REMOTE DIODE SENSOR
The TMP435 is a remote temperature sensor monitor
with a built-in local temperature sensor. The remote
•
±1°C LOCAL TEMPERATURE SENSOR
temperature sensor diode-connected transistors are
•
AUTOMATIC BETA COMPENSATION
typically low-cost, NPN- or PNP-type transistors or
•
n-FACTOR CORRECTION
diodes that are an integral part of microcontrollers,
•
PROGRAMMABLE THRESHOLD LIMITS
microprocessors, or FPGAs.
•
TWO-WIRE/ SMBus™ SERIAL INTERFACE
Remote
accuracy
is
±1°C
for
multiple
IC
manufacturers, with no calibration needed. The
•
MINIMUM AND MAXIMUM TEMPERATURE
two-wire serial interface accepts SMBus write byte,
MONITORS
read byte, send byte, and receive byte commands to
•
MULTIPLE INTERFACE ADDRESSES
program
the
alarm
thresholds
and
to
read
•
ALERT/THERM2 PIN CONFIGURATION
temperature data.
•
DIODE FAULT DETECTION
The
TMP435
includes
beta
compensation
•
PIN-PROGRAMMABLE TWO-WIRE
(correction),
series
resistance
cancellation,
ADDRESSING
programmable
non-ideality
factor,
programmable
resolution, programmable threshold limits, minimum
and maximum temperature monitors, wide remote
APPLICATIONS
temperature measurement range (up to +150°C),
•
LCD/ DLP®/LCOS PROJECTORS
diode fault detection, a temperature alert function,
•
SERVERS
and pin-programmable two-wire addressing using
•
INDUSTRIAL CONTROLLERS
3-state logic.
•
CENTRAL OFFICE TELECOM EQUIPMENT
The TMP435 is available in an MSOP-10 package.
•
DESKTOP AND NOTEBOOK COMPUTERS
•
STORAGE AREA NETWORKS (SAN)
•
INDUSTRIAL AND MEDICAL EQUIPMENT
•
PROCESSOR/FPGA TEMPERATURE
MONITORING
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DLP is a registered trademark of Texas Instruments.
3
SMBus is a trademark of Intel Corporation.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMP435ADGST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP435ADGST TI2-TMP435ADGST Datasheet
835Kb / 35P
±1°C TEMPERATURE SENSOR with Series-R, n-Factor, Automatic Beta Compensation and Programmable Addressing
REVISED APRIL 2010
More results

Similar Description - TMP435ADGST

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
1째C Temperature Sensor with Beta Compensation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
1째C Temperature Sensor with Beta Compensation
logo
Texas Instruments
TMP431 TI1-TMP431 Datasheet
956Kb / 40P
짹1째C TEMPERATURE SENSOR with Series-R, 管-Factor, and Automatic Beta Compensation
TMP441 TI1-TMP441 Datasheet
764Kb / 28P
짹1째C TEMPERATURE SENSOR with Automatic Beta Compensation, Series-R, and h-Factor in a SOT23-8
logo
Microchip Technology
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
logo
Texas Instruments
TMP432 TI-TMP432_15 Datasheet
1Mb / 42P
짹1째C Temperature Sensor with Series-R, 管-Factor, and Automatic Beta Compensation
TMP431 TI1-TMP431_15 Datasheet
1Mb / 42P
짹1째C Temperature Sensor with Series-R, 管-Factor, and Automatic Beta Compensation
TMP441 TI1-TMP441_15 Datasheet
1Mb / 29P
짹1째C TEMPERATURE SENSOR with Automatic Beta Compensation,Series-R, and h-Factor in a SOT23-8
logo
Microchip Technology
EMC1403 MICROCHIP-EMC1403 Datasheet
1Mb / 55P
1째C Temperature Sensor with Beta Compensation
10/28/13
logo
SMSC Corporation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
1째C Temperature Sensor with Beta Compensation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com