Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5906AF Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM5906AF
Description  Shock-proof Memory Controller for Video CD Players
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5906AF Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5906AF Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
NIPPON PRECISION CIRCUITS INC.
NIPPON PRECISION CIRCUITS-1
SM5906AF
Shock-proof Memory Controller for Video CD Players
Overview
– 2-channel processing
– Serial data input
• 2s complement, 16-bit/MSB first
• Right-justified format
• Wide capture function
(up to 4
× speed input rate)
• Selectable 16/24/32-bit clock
– System clock input
• 384fs (16.9344 MHz)
– Shock-proof memory controller
• Selectable CD-DA/V-CD/SVC mode
• 2 external DRAM configurations selectable
1
× 16M DRAM (4M × 4 bits, refresh cycle =
2048 cycle)
1
× 4M DRAM (1M × 4 bits)
– Microcontroller interface
• Serial command write and status read-out
• Data residual detector:
11-bit operation, 16-bit output
(Bits 13 to 15 bit are fixed LOW.)
• Forced mute
– Extension I/O
Microcontroller interface for external control
using 3 extension I/O pins
– +2.7 to +3.6 V operating voltage range
– Schmitt inputs
All input pins (including I/O pins) except CLK
(system clock)
– Reset signal noise elimination
Approximately 3.8
µs or longer (65 system
clock pulses) continuous LOW-level reset
- 48-pin QFP package (0.5 mm pin pitch)
Pinout (Top View)
The SM5906AF is a shock-proof memory controller
LSI for video CD players. The operating mode can
be set to CD-DA mode, V-CD mode, or Super V-CD
mode, and external memory can be selected from 2
options (4M, 16M). It operates from a 2.7 to 3.6 V
supply voltage range.
Features
Ordering Information
SM5906AF
48pin QFP
38
39
40
41
42
43
44
45
46
47
48
13
14
15
16
17
18
19
20
21
22
23
A9
A8
A7
A6
A5
A4
A0
A1
A2
A3
VSS4
YMLD
YDMUTE
ZSENSE
NRESET
YBLKCK
YFLAG
ZC2PO
ZSRDATA
ZSCK
ZLRCK
VDD2
24
VSS2
37
VDD4
SM5906AF
JAPAN


Similar Part No. - SM5906AF

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5901AF NPC-SM5901AF Datasheet
154Kb / 31P
compression and non compression type anti-shock memory controller with built-in 1M DRAM
SM5902 NPC-SM5902 Datasheet
312Kb / 40P
compression and non compression type shock-proof memory controller
SM5902AF NPC-SM5902AF Datasheet
312Kb / 40P
compression and non compression type shock-proof memory controller
logo
Silicon Mitus, Inc.
SM5903 SILICONMITUS-SM5903 Datasheet
198Kb / 2P
Wireless Power Transmitter/Receiver (TRx) Supporting Medium Power
July 2021 Rev. 0.0.3
logo
Nippon Precision Circui...
SM5903BF NPC-SM5903BF Datasheet
246Kb / 31P
compression and non compression type shock-proof memory controller
More results

Similar Description - SM5906AF

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5902AF NPC-SM5902AF Datasheet
312Kb / 40P
compression and non compression type shock-proof memory controller
SM5903BF NPC-SM5903BF Datasheet
246Kb / 31P
compression and non compression type shock-proof memory controller
SM5904BF NPC-SM5904BF Datasheet
266Kb / 35P
compression and non compression type shock-proof memory controller
SM5905AF NPC-SM5905AF Datasheet
200Kb / 35P
compression and non compression type shock-proof memory controller
SM5907AF NPC-SM5907AF Datasheet
231Kb / 30P
compression and non compression type shock-proof memory controller
logo
Rohm
BA3890F ROHM-BA3890F Datasheet
56Kb / 4P
Pulse width controller for portable CD players
logo
Sony Corporation
CXD3029R SONY-CXD3029R Datasheet
2Mb / 201P
CD Digital Signal Processor with Built-in Digital Servo Shock-proof Memory Controller Digital High & Bass Boost
logo
LSI Computer Systems
BU9534KV LSI-BU9534KV Datasheet
86Kb / 2P
Signal processor LSI with anti-shock memory controller for CD players
BA5817FM LSI-BA5817FM Datasheet
197Kb / 3P
IC for CD Players
logo
Nippon Precision Circui...
SM5903BF NPC-SM5903BF_00 Datasheet
196Kb / 31P
compression and non compression type shock-proof memory controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com