Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5906AF Datasheet(PDF) 19 Page - Nippon Precision Circuits Inc

Part # SM5906AF
Description  Shock-proof Memory Controller for Video CD Players
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5906AF Datasheet(HTML) 19 Page - Nippon Precision Circuits Inc

Back Button SM5906AF Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 20Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 21Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 22Page - Nippon Precision Circuits Inc SM5906AF Datasheet HTML 23Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
NIPPON PRECISION CIRCUITS-19
SM5906AF
– MSWREN
When 1: Write sequence starts
Invalid when MSON is not 1 within the
same 80H command
Invalid when FLAG6=1
Invalid when OVFL=1
If MSWREN = 1 command is issued during
compare-connect operation, MSDCN1 and
MSDCN2 must be set to 0. Write
sequence starts from the point the com-
mand is issued as direct-connect (CD-DA)
sequence.
When 0: Write sequence stops
– MSWACL
When 1: Initializes the write address (WA)
When 0: No operation
– MSRDEN
When 1: Read sequence starts
Does not perform read sequence if
MSON=1. If there is no valid data, read
sequence temporarily stops. But, because
the MSRDEN flag setting is maintained as
is, the sequence automatically re-starts
when valid data appears.
When 0: Read sequence stops
– MSRACL
When 1: Initializes the read address (RA)
When 0: No operation
– MSDCN2, MSDCN1
Refer to compare-connect sequence
After MSWACL and MSRACL, set MSWREN = 1
to start the write sequence. If the start occurs in
direct-connect mode, a noise may be generated.
CDDAMODE
When 1 and 1: 3-pair compare-connect sequence
starts
When 1 and 0: 2-pair compare-connect sequence
starts
When 0 and 1: Direct connect sequence starts
When 0 and 0: Compare-connect sequence stops.
No operation if a compare-connect
sequence is not operating.
VCD, SVCMODE
When 1 and 1: Video CD compare-connect
sequence, checking C2PO, starts (ASH
connect)
When 1 and 0: Video CD compare-connect
sequence, ignoring C2PO, starts (SH con-
nect)
When 0 and 1: Connect sequence, checking sync
data only, starts (S connect)
When 0 and 0: Compare-connect sequence stops.
No operation if a compare-connect
sequence is not operating.
– WAQV
When 1: If a write address (WA) is verified as a
valid at the preceding YBLKCK falling
edge timing, it becomes a valid write
address (VWA).
When 0: No operation
– MSON
When 1: Memory system turns ON and shock-
proof operation starts
When 0: Memory system turns OFF and through-
mode playback starts. Even in through
mode, the CDDAMODE and VCDMODE
settings may become active. VCDMODE
settings should be set if using C2PO.
(see 85H command)
Write command supplementary information
80H (MS command)
81H (Extension I/O port settings)
82H (Extension I/O port output data settings)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com