Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDF4C03HD Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMDF4C03HD
Description  Complementary SO??, Dual Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF4C03HD Datasheet(HTML) 3 Page - ON Semiconductor

  MMDF4C03HD Datasheet HTML 1Page - ON Semiconductor MMDF4C03HD Datasheet HTML 2Page - ON Semiconductor MMDF4C03HD Datasheet HTML 3Page - ON Semiconductor MMDF4C03HD Datasheet HTML 4Page - ON Semiconductor MMDF4C03HD Datasheet HTML 5Page - ON Semiconductor MMDF4C03HD Datasheet HTML 6Page - ON Semiconductor MMDF4C03HD Datasheet HTML 7Page - ON Semiconductor MMDF4C03HD Datasheet HTML 8Page - ON Semiconductor MMDF4C03HD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MMDF4C03HD
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS − continued (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Polarity
Min
Typ
Max
Unit
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage
(Note 2)
(IS = 1.7 Adc, VGS = 0 Vdc)
(IS = −1.7 Adc, VGS = 0 Vdc)
VSD
(N)
(P)
−
−
0.77
0.90
1.2
1.2
Vdc
Reverse Recovery Time
(N)
(ID = 3.5 Adc,
trr
(N)
(P)
−
−
54.5
77.4
−
−
ns
(ID = 3.5 Adc,
VGS = 0 Vdc
dIS/dt = 100 A/µs)
ta
(N)
(P)
−
−
14.8
19.9
−
−
(P)
(ID =35Adc
tb
(N)
(P)
−
−
39.7
57.5
−
−
Reverse Recovery Stored
Charge
(ID = 3.5 Adc,
VGS = 0 Vdc
dIS/dt = 100 A/µs)
QRR
(N)
(P)
−
−
0.048
0.088
−
−
µC
2. Switching characteristics are independent of operating junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com