Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDF4C03HD Datasheet(PDF) 4 Page - ON Semiconductor

Part # MMDF4C03HD
Description  Complementary SO??, Dual Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF4C03HD Datasheet(HTML) 4 Page - ON Semiconductor

  MMDF4C03HD Datasheet HTML 1Page - ON Semiconductor MMDF4C03HD Datasheet HTML 2Page - ON Semiconductor MMDF4C03HD Datasheet HTML 3Page - ON Semiconductor MMDF4C03HD Datasheet HTML 4Page - ON Semiconductor MMDF4C03HD Datasheet HTML 5Page - ON Semiconductor MMDF4C03HD Datasheet HTML 6Page - ON Semiconductor MMDF4C03HD Datasheet HTML 7Page - ON Semiconductor MMDF4C03HD Datasheet HTML 8Page - ON Semiconductor MMDF4C03HD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MMDF4C03HD
http://onsemi.com
4
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On−Resistance versus
Gate−To−Source Voltage
Figure 3. On−Resistance versus
Gate−To−Source Voltage
2.9 V
1.2
2.0
0
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
6.0
4.0
5.0
3.0
2.0
1.0
0
0.6
0.2
0.4
0.8
1.0
1.4
1.6
1.8
TJ = 25_C
2.7 V
3.1 V
3.3 V
3.5 V
3.7 V
3.9 V
VGS = 10 V
4.1 V
4.5 V
6.0 V
4.3 V
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
4.5
5.0
1.5
4.0
2.0
1.0
0
2.0
2.5
3.0
3.5
4.0
3.0
5.0
6.0
VDS ≥ 10 V
TJ = −55_C
100
_C
25
_C
8.0
10
2.0
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
0.8
0.4
0.3
0.2
0.1
0
9.0
3.0
4.0
5.0
6.0
7.0
0.5
TJ = 25_C
ID = 3 A
0.6
0.7
1.2
2.0
0
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
12
8.0
10
6.0
4.0
2.0
0
0.6
0.2
0.4
0.8
1.0
1.4
1.6
1.8
TJ = 25_C
2.7 V
2.9 V
3.1 V
3.3 V
3.5 V
VGS = 2.5 V
10 V
6.0 V
4.5 V
4.3 V
4.1 V
3.7 V
3.9 V
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
4.5
5.0
1.5
8.0
4.0
2.0
0
2.0
2.5
3.0
3.5
4.0
6.0
10
12
VDS ≥ 10 V
TJ = −55_C
100
_C
25
_C
8.0
10
2.0
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
0.30
0.20
0.15
0.10
0.05
0
9.0
3.0
4.0
5.0
6.0
7.0
0.25
TJ = 25_C
ID = 6 A
N−Channel
P−Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com