Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7331FCDWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7331FCDWR
Description  Robust EMC, Low Power, Triple-Channel Digital Isolators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7331FCDWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO7331FCDWR Datasheet HTML 3Page - Texas Instruments ISO7331FCDWR Datasheet HTML 4Page - Texas Instruments ISO7331FCDWR Datasheet HTML 5Page - Texas Instruments ISO7331FCDWR Datasheet HTML 6Page - Texas Instruments ISO7331FCDWR Datasheet HTML 7Page - Texas Instruments ISO7331FCDWR Datasheet HTML 8Page - Texas Instruments ISO7331FCDWR Datasheet HTML 9Page - Texas Instruments ISO7331FCDWR Datasheet HTML 10Page - Texas Instruments ISO7331FCDWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
ISO7330C, ISO7330FC, ISO7331C, ISO7331FC
www.ti.com
SLLSEK9B – JANUARY 2015 – REVISED APRIL 2015
6.7 Switching Characteristics
VCC1 and VCC2 at 5 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
20
32
58
ns
See Figure 11
PWD(1)
Pulse width distortion |tPHL – tPLH|
4
ns
Same direction channels
2.5
tsk(o)
(2)
Channel-to-channel output skew time
ns
Opposite direction
17
channels
tsk(pp)
(3)
Part-to-part skew time
23
ns
tr
Output signal rise time
3
ns
See Figure 11
tf
Output signal fall time
2
ns
tPHZ
Disable propagation delay, high-to-high impedance output
7
12
tPLZ
Disable propagation delay, low-to-high impedance output
7
12
ISO733xC
7
12
Enable propagation delay, high impedance-to-high
tPZH
See Figure 12
ns
output
ISO733xFC
11000
23000(4)
ISO733xC
11000
23000(4)
Enable propagation delay, high impedance-to-low
tPZL
output
ISO733xFC
7
12
tfs
Fail-safe output delay time from input power loss
See Figure 13
7
μs
(1)
Also known as pulse skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
(4)
The enable signal rate should be
≤ 43 Kbps
6.8 Switching Characteristics
VCC1 and VCC2 at 3.3 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
22
36
66
ns
See Figure 11
PWD(1)
Pulse width distortion |tPHL – tPLH|
2.5
ns
Same direction channels
3
tsk(o)
(2)
Channel-to-channel output skew time
ns
Opposite direction
16
channels
tsk(pp)
(3)
Part-to-part skew time
27
ns
tr
Output signal rise time
3
ns
See Figure 11
tf
Output signal fall time
2
ns
tPHZ
Disable propagation delay, high-to-high impedance output
9
18
tPLZ
Disable propagation delay, low-to-high impedance output
9
18
ISO733xC
9
18
Enable propagation delay, high impedance-to-high
tPZH
See Figure 12
ns
output
ISO733xFC
13000
24000(4)
ISO733xC
13000
24000(4)
Enable propagation delay, high impedance-to-low
tPZL
output
ISO733xFC
9
18
tfs
Fail-safe output delay time from input power loss
See Figure 13
7
μs
(1)
Also known as pulse skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
(4)
The enable signal rate should be
≤ 41 Kbps
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ISO7330C ISO7330FC ISO7331C ISO7331FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com