Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7331FCDWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7331FCDWR
Description  Robust EMC, Low Power, Triple-Channel Digital Isolators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7331FCDWR Datasheet(HTML) 1 Page - Texas Instruments

  ISO7331FCDWR Datasheet HTML 1Page - Texas Instruments ISO7331FCDWR Datasheet HTML 2Page - Texas Instruments ISO7331FCDWR Datasheet HTML 3Page - Texas Instruments ISO7331FCDWR Datasheet HTML 4Page - Texas Instruments ISO7331FCDWR Datasheet HTML 5Page - Texas Instruments ISO7331FCDWR Datasheet HTML 6Page - Texas Instruments ISO7331FCDWR Datasheet HTML 7Page - Texas Instruments ISO7331FCDWR Datasheet HTML 8Page - Texas Instruments ISO7331FCDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
OUTx
GNDO
GNDI
INx
VCCO
VCCI
Isolation
Capacitor
ENx
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
ISO7330C, ISO7330FC, ISO7331C, ISO7331FC
SLLSEK9B – JANUARY 2015 – REVISED APRIL 2015
ISO733x Robust EMC, Low Power, Triple-Channel Digital Isolators
1 Features
3 Description
ISO733x provide galvanic isolation up to 3000 VRMS
1
•
Signaling Rate: 25 Mbps
for 1 minute per UL and 4242 VPK per VDE. These
•
Integrated Noise Filter on the Inputs
devices have three isolated channels comprised of
•
Default Output 'High' and 'Low' Options
logic input and output buffers separated by a silicon
dioxide (SiO2) insulation barrier. ISO7330 has all
•
Low Power Consumption: Typical ICC per Channel
three channels in the same direction while ISO7331
at 1 Mbps:
has two channels in forward and one channel in
–
ISO7330: 1 mA (5 V Supplies),
reverse direction. In case of input power or signal
0.8 mA (3.3 V Supplies)
loss, default output is 'low' for devices with suffix 'F'
–
ISO7331: 1.4 mA (5 V Supplies),
and 'high' for devices without suffix 'F'. Used in
conjunction with isolated power supplies, these
1 mA (3.3 V Supplies)
devices prevent noise currents on a data bus or other
•
Low Propagation Delay: 32 ns
circuits from entering the local ground and interfering
Typical (5V Supplies)
with or damaging sensitive circuitry. ISO733x has
•
Operates from 3.3 V and 5 V Supplies
integrated noise filter for harsh industrial environment
•
3.3 V and 5 V Level Translation
where short noise pulses may be present at the
device input pins. ISO733x has TTL input thresholds
•
Wide Temperature Range: –40°C to 125°C
and operates from 3 V to 5.5 V supply levels.
•
70 KV/
μs Transient Immunity,
Through
innovative
chip
design
and
layout
Typical (5V Supplies)
techniques, electromagnetic compatibility of ISO733x
•
Robust Electromagnetic Compatibility (EMC)
has been significantly enhanced to enable system-
level ESD, EFT, Surge and Emissions compliance.
–
System-level ESD, EFT, and Surge Immunity
–
Low Emissions
Device Information(1)
•
Wide Body SOIC-16 Package
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Isolation Barrier Life: > 25 Years
ISO7330C
•
Safety and Regulatory Approvals:
ISO7330FC
SOIC (16)
10,3mm x 7,5mm
–
4242 VPK Isolation per DIN V VDE V 0884-10
ISO7331C
and DIN EN 61010-1
ISO7331FC
–
3000 VRMS Isolation for 1 minute per UL 1577
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
–
CSA Component Acceptance Notice 5A, IEC
60950-1 and IEC 61010-1 End Equipment
Simplified Schematic
Standards
–
CQC Certification per GB4943.1-2011
2 Applications
•
Opto-Coupler Replacement in:
–
Industrial FieldBus
–
ProfiBus
–
ModBus
(1)
VCCI and GNDI are supply and ground
–
DeviceNet™ Data Buses
connections
respectively
for
the
input
channels.
–
Servo Control Interface
(2)
VCCO and GNDO are supply and ground
–
Motor Control
connections respectively for the output.
–
Power Supplies
–
Battery Packs
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ISO7331FCDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7331FCQDWQ1 TI-ISO7331FCQDWQ1 Datasheet
1Mb / 30P
Robust EMC, Low Power, Triple-Channel Digital Isolators
ISO7331FCQDWQ1 TI2-ISO7331FCQDWQ1 Datasheet
848Kb / 31P
ISO733x-Q1 Robust EMC, Low Power, Triple-Channel Digital Isolators
NOVEMBER 2015
ISO7331FCQDWQ1.A TI2-ISO7331FCQDWQ1.A Datasheet
848Kb / 31P
ISO733x-Q1 Robust EMC, Low Power, Triple-Channel Digital Isolators
NOVEMBER 2015
ISO7331FCQDWQ1.B TI2-ISO7331FCQDWQ1.B Datasheet
848Kb / 31P
ISO733x-Q1 Robust EMC, Low Power, Triple-Channel Digital Isolators
NOVEMBER 2015
ISO7331FCQDWRQ1 TI-ISO7331FCQDWRQ1 Datasheet
1Mb / 30P
Robust EMC, Low Power, Triple-Channel Digital Isolators
More results

Similar Description - ISO7331FCDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7320 TI-ISO7320_15 Datasheet
1Mb / 26P
ISO732x Robust EMC, Low Power, Dual-Channel Digital Isolators
ISO7330-Q1 TI-ISO7330-Q1 Datasheet
1Mb / 30P
Robust EMC, Low Power, Triple-Channel Digital Isolators
ISO7320C TI1-ISO7320C_15 Datasheet
1Mb / 26P
Robust EMC, Low Power, Dual-Channel Digital Isolators
ISO7320-Q1 TI1-ISO7320-Q1_16 Datasheet
1Mb / 28P
Robust EMC, Low Power, Dual-Channel Digital Isolators
ISO7340C TI1-ISO7340C Datasheet
1Mb / 37P
Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
ISO7730 TI1-ISO7730 Datasheet
576Kb / 33P
High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7730 TI1-ISO7730_16 Datasheet
1Mb / 37P
High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7730-Q1 TI1-ISO7730-Q1 Datasheet
1Mb / 38P
High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7730 TI1-ISO7730_17 Datasheet
1Mb / 39P
High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7730-Q1 TI1-ISO7730-Q1_18 Datasheet
1Mb / 38P
High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com