Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTP3055VL Datasheet(PDF) 1 Page - ON Semiconductor

Part # MTP3055VL
Description  Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTP3055VL Datasheet(HTML) 1 Page - ON Semiconductor

  MTP3055VL Datasheet HTML 1Page - ON Semiconductor MTP3055VL Datasheet HTML 2Page - ON Semiconductor MTP3055VL Datasheet HTML 3Page - ON Semiconductor MTP3055VL Datasheet HTML 4Page - ON Semiconductor MTP3055VL Datasheet HTML 5Page - ON Semiconductor MTP3055VL Datasheet HTML 6Page - ON Semiconductor MTP3055VL Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2006
August, 2006 − Rev. 4
1
Publication Order Number:
MTP3055VL/D
MTP3055VL
Preferred Device
Power MOSFET
12 Amps, 60 Volts, Logic
Level
N−Channel TO−220
This Power MOSFET is designed to withstand high energy in the
avalanche and commutation modes. Designed for low voltage, high
speed switching applications in power supplies, converters and power
motor controls, these devices are particularly well suited for bridge
circuits where diode speed and commutating safe operating areas are
critical and offer additional safety margin against unexpected voltage
transients.
Avalanche Energy Specified
IDSS and VDS(on) Specified at Elevated Temperature
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−Source Voltage
VDSS
60
Vdc
Drain−Gate Voltage (RGS = 1.0 MΩ)
VDGR
60
Vdc
Gate−Source Voltage
− Continuous
− Single Pulse (tp ≤ 50 μs)
VGS
VGSM
±15
± 20
Vdc
Vpk
Drain Current − Continuous @ 25°C
Drain Current − Continuous @ 100°C
Drain Current − Single Pulse (tp ≤ 10 μs)
ID
ID
IDM
12
8.0
42
Adc
Apk
Total Power Dissipation @ 25°C
Derate above 25°C
PD
48
0.32
Watts
W/°C
Operating and Storage Temperature
Range
TJ, Tstg
−55 to
175
°C
Single Pulse Drain−to−Source Avalanche
Energy − Starting TJ = 25°C
(VDD = 25 Vdc, VGS = 5.0 Vdc,
IL = 12 Apk, L = 1.0 mH, RG =25 Ω)
EAS
72
mJ
Thermal Resistance
− Junction to Case
− Junction to Ambient
RθJC
RθJA
3.13
62.5
°C/W
Maximum Lead Temperature for Soldering
Purposes, 1/8″ from case for 10
seconds
TL
260
°C
12 AMPERES
60 VOLTS
RDS(on) = 180 mΩ
Preferred devices are recommended choices for future use
and best overall value.
Device
Package
Shipping
ORDERING INFORMATION
MTP3055VL
TO−220AB
50 Units/Rail
TO−220AB
CASE 221A
STYLE 5
1
2
3
4
http://onsemi.com
N−Channel
D
S
G
MARKING DIAGRAM
& PIN ASSIGNMENT
MTP3055VL
= Device Code
LL
= Location Code
Y
= Year
WW
= Work Week
MTP3055VL
LLYWW
1
Gate
3
Source
4
Drain
2
Drain


Similar Part No. - MTP3055VL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTP3055VL MOTOROLA-MTP3055VL Datasheet
161Kb / 8P
TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.18 OHM
logo
Fairchild Semiconductor
MTP3055VL FAIRCHILD-MTP3055VL Datasheet
42Kb / 3P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
MTP3055VL VBSEMI-MTP3055VL Datasheet
1Mb / 9P
N-Channel 60 V (D-S) MOSFET
logo
Inchange Semiconductor ...
MTP3055VL ISC-MTP3055VL Datasheet
301Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - MTP3055VL

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com