Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25D10 Datasheet(PDF) 21 Page - ELM Electronics

Part # GD25D10
Description  Uniform sector dual and quad serial flash
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25D10 Datasheet(HTML) 21 Page - ELM Electronics

Back Button GD25D10 Datasheet HTML 17Page - ELM Electronics GD25D10 Datasheet HTML 18Page - ELM Electronics GD25D10 Datasheet HTML 19Page - ELM Electronics GD25D10 Datasheet HTML 20Page - ELM Electronics GD25D10 Datasheet HTML 21Page - ELM Electronics GD25D10 Datasheet HTML 22Page - ELM Electronics GD25D10 Datasheet HTML 23Page - ELM Electronics GD25D10 Datasheet HTML 24Page - ELM Electronics GD25D10 Datasheet HTML 25Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
Rev.1.0
28 -
GD25D10BxIGx Uniform sector dual and quad serial flash
http://www.elm-tech.com
8.1. Power-ON Timing
Symbol
Parameter
Min
Max
Unit
tVSL
VCC(min) To CS# Low
10
us
tPUW
Time Delay From VCC(min) To Write Instruction
1
10
ms
VWI
Write Inhibit Voltage VCC(min)
1
2.5
V
Table 3. Power-Up Timing and Write Inhibit Threshold
8. ELECTRICAL CHARACTERISTICS
8.2. Initial Delivery State
The device is delivered with the memory array erased: all bits are set to 1(each byte contains FFH). The Status
Register contains 00H (all Status Register bits are 0).
8.3. Data Retention and Endurance
Parameter
Test Condition
Min
Unit
Minimum Pattern Data Retention Time
150°C
10
Years
125°C
20
Years
Erase / Program Endurance
-40 to 85°C
100K
Cycles
8.4. Latch Up Characteristics
Parameter
Min
Max
Input Voltage Respect To VSS On I/O Pins
-1.0V
VCC+1.0V
VCC Current
-100mA
100mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com