Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25D10 Datasheet(PDF) 28 Page - ELM Electronics

Part # GD25D10
Description  Uniform sector dual and quad serial flash
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25D10 Datasheet(HTML) 28 Page - ELM Electronics

Back Button GD25D10 Datasheet HTML 20Page - ELM Electronics GD25D10 Datasheet HTML 21Page - ELM Electronics GD25D10 Datasheet HTML 22Page - ELM Electronics GD25D10 Datasheet HTML 23Page - ELM Electronics GD25D10 Datasheet HTML 24Page - ELM Electronics GD25D10 Datasheet HTML 25Page - ELM Electronics GD25D10 Datasheet HTML 26Page - ELM Electronics GD25D10 Datasheet HTML 27Page - ELM Electronics GD25D10 Datasheet HTML 28Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
28
Rev.1.0
28 -
GD25D10BxIGx Uniform sector dual and quad serial flash
http://www.elm-tech.com
10.2 Package USON8 (3x2mm)
10.2. Package USON8 (3*2mm)
Dimensions
Symbol
A
A1
A2
b
D
D1
E
E1
e
y
L
Unit
mm
Min
0.50
0.13
0.18
2.90
0.15
1.90
1.50
0.00
0.30
Nom
0.55
0.15
0.25
3.00
0.20
2.00
1.60
0.50
0.35
Max
0.60
0.05
0.18
0.30
3.10
0.30
2.10
1.70
0.05
0.45
Inch
Min
0.020
0.005
0.007
0.114
0.006
0.075
0.059
0.000
0.012
Nom
0.022
0.006
0.010
0.118
0.008
0.079
0.063
0.020
0.014
Max
0.024
0.002
0.007
0.012
0.122
0.012
0.083
0.067
0.002
0.018
Note:Both package length and width do not include mold flash.
D
E
Top View
D1
E1
b
e
Bottom View
L
1
A2
A1
A
Side View
y
Symbol
A
A1
A2
b
D
D1
E
E1
e
y
L
Unit
mm
Min
0.50
-
0.13
0.18
2.90
0.15
1.90
1.50
-
0.00
0.30
Nom
0.55
-
0.15
0.25
3.00
0.20
2.00
1.60
0.50
-
0.35
Max
0.60
0.05
0.18
0.30
3.10
0.30
2.10
1.70
-
0.05
0.45
Inch
Min
0.020
-
0.005 0.007 0.114 0.006 0.075 0.059
-
0.000 0.012
Nom
0.022
-
0.006 0.010 0.118 0.008 0.079 0.063 0.020
-
0.014
Max
0.024 0.002 0.007 0.012 0.122 0.012 0.083 0.067
-
0.002 0.018
Dimensions
Note: Both package length and width do not include mold flash.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com