Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25D10 Datasheet(PDF) 7 Page - ELM Electronics

Part # GD25D10
Description  Uniform sector dual and quad serial flash
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25D10 Datasheet(HTML) 7 Page - ELM Electronics

Back Button GD25D10 Datasheet HTML 3Page - ELM Electronics GD25D10 Datasheet HTML 4Page - ELM Electronics GD25D10 Datasheet HTML 5Page - ELM Electronics GD25D10 Datasheet HTML 6Page - ELM Electronics GD25D10 Datasheet HTML 7Page - ELM Electronics GD25D10 Datasheet HTML 8Page - ELM Electronics GD25D10 Datasheet HTML 9Page - ELM Electronics GD25D10 Datasheet HTML 10Page - ELM Electronics GD25D10 Datasheet HTML 11Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
Rev.1.0
28 -
GD25D10BxIGx Uniform sector dual and quad serial flash
http://www.elm-tech.com
Software Protection Mode: The Block Protect (BP2, BP1, BP0) bits define the section of the protected
memory area which is read-only and unalterable.
Hardware Protection Mode: WP# going low to protected the BP0~BP2 bits and SRP bits.
Deep Power-Down Mode: In Deep Power-Down Mode, all commands are ignored except the Release from
Deep Power-Down Mode command.
Write Inhibit Voltage (VWI): Device would reset automatically when VCC is below a certain threshold VWI.
Status Register Content
Memory Content
BP2
BP1
BP0
Blocks
Addresses
Density
Portion
0
0
0
NONE
NONE
NONE
NONE
0
0
1
Sector 0 to 29
000000H-01DFFFH
120KB
Lower 30/32
0
1
0
Sector 0 to 27
000000H-01BFFFH
112KB
Lower 28/32
0
1
1
Sector 0 to 23
000000H-017FFFH
96KB
Lower 24/32
1
0
0
Sector 0 to 15
000000H-00FFFFH
64KB
Lower 16/32
1
0
1
All
000000H-01FFFFH
128KB
All
1
1
×
All
000000H-01FFFFH
128KB
All
Table 1. GD25D10B Protected area size
6. STATUS REGISTER
The status and control bits of the Status Register are as follows:
WIP bit.
The Write In Progress (WIP) bit indicates whether the memory is busy in program/erase/write status register
progress. When WIP bit is set to 1, it means the device is busy in program/erase/write status register progress.
When WIP bit is cleared to 0, it means the device is not in program/erase/write status register progress. The
default value of WIP is 0.
WEL bit.
The Write Enable Latch (WEL) bit indicates the status of the internal Write Enable Latch. When set to 1 the
internal Write Enable Latch is set, when set to 0 the internal Write Enable Latch is reset and no write Status
Register, Program or Erase command is accepted. The default value of WEL is 0.
BP2, BP1, BP0 bits.
The Block Protect (BP2, BP1, BP0) bits are non-volatile. They define the size of the area to be software
protected against Program and Erase commands. These bits are written with the Write Statue Register (WRSR)
command. When the Block Protect (BP2, BP1, BP0) bits are set to 1, the relevant memory area (as defined in
Table1). Becomes protected against Page Program (PP), Sector Erase (SE) and Block Erase (BE) commands.
S7
S6
S5
S4
S3
S2
S1
S0
SRP
Reserved
Reserved
BP2
BP1
BP0
WEL
WIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com