Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25Q21 Datasheet(PDF) 39 Page - ELM Electronics

Part # GD25Q21
Description  Uniform Sector Dual and Quad Serial Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q21 Datasheet(HTML) 39 Page - ELM Electronics

Back Button GD25Q21 Datasheet HTML 35Page - ELM Electronics GD25Q21 Datasheet HTML 36Page - ELM Electronics GD25Q21 Datasheet HTML 37Page - ELM Electronics GD25Q21 Datasheet HTML 38Page - ELM Electronics GD25Q21 Datasheet HTML 39Page - ELM Electronics GD25Q21 Datasheet HTML 40Page - ELM Electronics GD25Q21 Datasheet HTML 41Page - ELM Electronics GD25Q21 Datasheet HTML 42Page - ELM Electronics GD25Q21 Datasheet HTML 43Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
39
Rev.1.1
49 -
http://www.elm-tech.com
GD25Q21BxIGx Uniform Sector Dual and Quad Serial Flash
7.31. Continuous Read Mode Reset (CRMR) (FFH)
The Dual/Quad I/O Fast Read operations, “Continuous Read Mode” bits (M7-0) are implemented to further
reduce command overhead. By setting the (M7-0) to AXH, the next Dual/Quad I/O Fast Read operations do not
require the BBH/EBH/E7H command code.
If the system controller is reset during operation it will likely send a standard SPI command, such as Read ID
(9FH) or Fast Read (0BH), to the device. Because the GD25Q21B has no hardware reset pin, so if Continuous
Read Mode bits are set to “AXH”, the GD25Q21B will not recognize any standard SPI commands. So
Continuous Read Mode Reset command will release the Continuous Read Mode from the “AXH” state and
allow standard SPI command to be recognized. The command sequence is show below.
Figure 36. Continuous Read Mode Reset Sequence Diagram
0 1 2 3 4 5 6 7
CS#
SCLK
SI(IO0)
SO(IO1)
WP#(IO2)
HOLD#(IO3)
FFH
Mode Bit Reset for Quad/Dual I/O
Don`t Care
Don`t Care
Don`t Care
7.32. Program/Erase Suspend (PES) (75H)
The Erase/Program Suspend instruction “75H”, allows the system to interrupt a sector/block erase or page
program operation and then read data from any other sector or block. The Write Status Register command (01H),
Page Program command (02H) and Erase commands (20H, 52H, D8H, C7H, 60H) are not allowed during
suspend. Erase/Program Suspend is valid only during the sector/block erase or page program operation. A
maximum of time of “tsus” (See AC Characteristics) is required to suspend the program/erase operation.
While the Erase/Program suspend cycle is in progress, the Read Status Register command may still be
accessed for checking the status of the BUSY bit. The BUSY bit is a 1 during the Erase/Program suspend cycle
and becomes a 0 when the cycle is finished and the device is ready to accept read command. A power-off during
the suspend period will reset the device and release the suspend state. The command sequence is show below.
Figure 37. Program/Erase Suspend Sequence Diagram
Command
0 1 2 3 4 5 6 7
75H
CS#
SCLK
SI
SO
High-Z
tSUS
Accept read command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com