Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25Q21 Datasheet(PDF) 7 Page - ELM Electronics

Part # GD25Q21
Description  Uniform Sector Dual and Quad Serial Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q21 Datasheet(HTML) 7 Page - ELM Electronics

Back Button GD25Q21 Datasheet HTML 3Page - ELM Electronics GD25Q21 Datasheet HTML 4Page - ELM Electronics GD25Q21 Datasheet HTML 5Page - ELM Electronics GD25Q21 Datasheet HTML 6Page - ELM Electronics GD25Q21 Datasheet HTML 7Page - ELM Electronics GD25Q21 Datasheet HTML 8Page - ELM Electronics GD25Q21 Datasheet HTML 9Page - ELM Electronics GD25Q21 Datasheet HTML 10Page - ELM Electronics GD25Q21 Datasheet HTML 11Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
7
Rev.1.1
49 -
http://www.elm-tech.com
GD25Q21BxIGx Uniform Sector Dual and Quad Serial Flash
Quad SPI
The GD25Q21B supports Quad SPI operation when using the “Quad Output Fast Read”,” Quad I/O Fast
Read”, “Quad I/O Word Fast Read”, ”Quad Page Program” (6BH, EBH, E7H, 32H) commands. These
commands allow data to be transferred to or from the device at four times the rate of the standard SPI. When
using the Quad SPI command the SI and SO pins become bidirectional I/O pins: IO0 and IO1, and WP# and
HOLD# pins become IO2 and IO3. Quad SPI commands require the non-volatile Quad Enable bit (QE) in
Status Register to be set.
Hold
The HOLD# signal goes low to stop any serial communications with the device, but doesn’t stop the operation
of write status register, programming, or erasing in progress. The operation of HOLD, need CS# keep low, and
starts on falling edge of the HOLD# signal, with SCLK signal being low (if SCLK is not being low, HOLD
operation will not start until SCLK being low). The HOLD condition ends on rising edge of HOLD# signal with
SCLK being low (If SCLK is not being low, HOLD operation will not end until SCLK being low). The SO is
high impedance, both SI and SCLK don’t care during the HOLD operation, if CS# drives high during HOLD
operation, it will reset the internal logic of the device. To re-start communication with chip, the HOLD# must be
at high and then CS# must be at low.
Figure 1. Hold Condition
HOLD
HOLD
CS#
SCLK
HOLD#
5. DATA PROTECTION
The GD25Q21B provides the following data protection methods:
♦ Write Enable (WREN) command: The WREN command is set the Write Enable Latch bit (WEL). The WEL
bit will return to reset by the following situation:
- Power-Up
- Write Disable (WRDI)
- Write Status Register (WRSR)
- Page Program (PP)
- Sector Erase (SE) / Block Erase (BE) / Chip Erase (CE)
- Erase Security Register / Program Security Register
♦ Software Protection Mode: The Block Protect (BP4, BP3, BP2, BP1, BP0) bits define the section of the
memory array that can be read but not change.
♦ Hardware Protection Mode: WP# going low to protected the BP0~BP4 bits and SRP0~1 bits.
♦ Deep Power-Down Mode: In Deep Power-Down Mode, all commands are ignored except the Release from
Deep Power-Down Mode command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com