| Electronic Components Datasheet Search |
|
AMW006 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AMW006 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers |
|
20 / 32 page ![]() Regulatory Certification, Section 7 AMW006 / AMW106 • Embedded Wi-Fi Networking Solutions ADS-MWx06-106R • Preliminary Data Sheet September 1, 2015 ©2014-2015 ACKme Networks. http://ack.me Page | 16 7 Regulatory Certification The AMW006 module has been certified for operation in various regulatory domains. This section outlines certifi- cation information specific to the following countries and regions: United States Canada Europe Australia New Zealand Japan Should you require regulatory certification for the AMW006 module in a country or region not listed, please contact your local ACKme Networks sales office or create a support request via our website at http://ack.me/contact. 7.1 United States The ACKme Networks AMW006 module has received Federal Communications Commission (FCC) CFR47 Tele- communications, Part 15 Sub-part C “Intentional Radia- tors” modular approval in accordance with Part 15.212 Modular Transmitter approval. Modular approval allows the end user to integrate the AMW006 module into a fin- ished product without obtaining subsequent and sepa- rate FCC approvals for intentional radiation, provided no changes or modifications are made to the module cir- cuitry. Changes or modifications could void the user’s au- thority to operate the equipment. The end user must comply with all of the instructions provided by the Grantee which indicate installation and/or operating conditions necessary for compliance. The finished product is required to comply with all appli- cable FCC equipment authorization, regulations, require- ments, and equipment functions not associated with the transmitter module portion. For example, compliance must be demonstrated to regulations for other transmit- ter components within the host product; to require- ments for unintentional radiators (Part 15 Sub-part B “Unintentional Radiators”), such as digital devices, com- puter peripherals, radio receivers, etc.; and to additional authorization requirements for non-transmitter func- tions on the transmitter module (i.e. Verification, or Dec- laration of Conformity) (e.g., transmitter modules may also contain digital logic functions) as appropriate. Labeling and User Information Requirements The AMW006 module has been labelled with a unique FCC ID number, and if the FCC ID is not visible when the module is installed inside another device, then the out- side of the finished product into which the module is in- stalled must also display a label referring to the enclosed module. This exterior label can use wording as follows: The user manual for the product should include the fol- lowing statement: Contains FCC ID: 2ABPY-B5BD9 This device complies with Part 15 of the FCC Rules. Operation is subject to the following two conditions: (1) this device may not cause harmful interference, and (2) this device must accept any interference re- ceived, including interference that may cause unde- sired operation. This equipment has been tested and found to com- ply with the limits for a Class B digital device, pursu- ant to part 15 of the FCC Rules. These limits are de- signed to provide reasonable protection against harmful interference in a residential installation. This equipment generates, uses and can radiate radio fre- quency energy and if not installed and used in ac- cordance with the instructions, may cause harmful interference to radio communications. However, there is no guarantee that interference will not occur in a particular installation. If this equipment does cause harmful interference to radio or television re- ception, which can be determined by turning the equipment off and on, the user is encouraged to try to correct the interference by one or more of the fol- lowing measures: Reorient or relocate the receiving antenna. Increase the separation between the equip- ment and receiver. Connect the equipment into an outlet on a cir- cuit different from that to which the receiver is connected. Consult the dealer or an experienced radio/TV technician for help. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |