Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMW006 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AMW006
Description  Embedded Wi-Fi Networking Solutions
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AMW006 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AMW006 Datasheet HTML 3Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 4Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 5Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 6Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 7Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 8Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 9Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 10Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Electrical Specifications, Section 3
AMW006 / AMW106 • Embedded Wi-Fi Networking Solutions
ADS-MWx06-106R • Preliminary Data Sheet
September 1, 2015
©2014-2015 ACKme Networks. http://ack.me
Page | 3
3
Electrical Specifications
3.1 Absolute Maximum Ratings
CAUTION! The absolute maximum ratings in Table 1 and Table 2 indicate levels where permanent damage to the device
can occur, even if these limits are exceeded for only a brief duration. Functional operation is not guaranteed under
these conditions. Operation at absolute maximum conditions for extended periods can adversely affect long-term re-
liability of the device.
The values in Table 1 reflect absolute maximum ratings from the respective microprocessor and BCM43362 datasheets.
Table 1. Absolute Maximum Voltage Ratings
Symbol
Ratings
Min
Max
Unit
VBAT
External power supply voltage to MCU VBAT pin
-0.3
4.0
V
VDD_3V3
External power supply voltage to MCU subsystem
-0.3
4.0
VDD_WIFI
External power supply voltage to WLAN subsystem
-0.5
6.0
Vin
Input voltage on any other MCU pin
GND - 0.3
VDD_3V3 + 4.0
Table 2. Absolute Maximum Environmental Ratings
Characteristic
Note
Min
Max
Unit
Storage Temperature
–
-40
+125
°C
Relative Humidity
Non-condensing (storage)
–
65
%
3.2 Recommended Operating Conditions
Functional operation is not guaranteed outside the limits shown in Table 3 and Table 4, and operation outside these
limits for extended periods can adversely affect long-term reliability of the device.
DC Operating Conditions
Table 3. Recommended DC Operating Conditions
Symbol
Ratings
Min
Typ
Max
Unit
VBAT
External power supply voltage to MCU VBAT pin
3.0
3.3
3.6
V
VDD_3V31
External power supply voltage to MCU subsystem
3.0
3.3
3.6
VDD_WIFI1,2
External power supply voltage to WLAN subsystem
3.0
3.3
3.6
Notes:
1. VDD_3V3 and VDD_WIFI must be at the same voltage when using the Wi-Fi subsystem
2. The performance of the Wi-Fi subsystem is degraded significantly at low voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com