Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMW006 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AMW006
Description  Embedded Wi-Fi Networking Solutions
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AMW006 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AMW006 Datasheet HTML 2Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 3Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 4Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 5Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 6Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 7Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 8Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 9Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Block Diagram, Section 2
AMW006 / AMW106 • Embedded Wi-Fi Networking Solutions
ADS-MWx06-106R • Preliminary Data Sheet
September 1, 2015
©2014-2015 ACKme Networks. http://ack.me
Page | 2
2
Block Diagram
Figure 1 is a block diagram of the AMWx06 module. The
main components of the module are a microprocessor
and BCM43362 Wi-Fi System-on-Chip (SoC). The proces-
sor and peripherals are driven by a 26MHz crystal. The
integrated real-time clock (RTC) is driven by a 32.768kHz
crystal. An on-board 1MByte serial flash chip may be
used to store user data and configuration, additional ap-
plications, and firmware images as part of the ACKme se-
cure over the air (OTA) update process.
The WLAN subsystem is controlled by WiConnect ena-
bling the module to achieve minimum power consump-
tion when the Wi-Fi networking interface is not required.
The module includes an antenna diversity switch. The
switch enables static or dynamic control of the external
antenna(s).
Figure 1. AMW006 / AMW106 Architecture
Antenna
Switch
VBAT
3v3 MCU
3v3 Wi-Fi
32kHz Out
ADC
PWM
UART
SPI
GPIO
Reset
ARM
Cortex M4
BCM43362
Wi-Fi
26MHz
32kHz
1 MByte
Serial Flash
AMW006 / AMW106
Antenna 1
Antenna 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com