Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS7140 Datasheet(PDF) 6 Page - ON Semiconductor

Part # FS7140
Description  Programmable Phase-Locked Loop Clock Generator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS7140 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FS7140 Datasheet HTML 2Page - ON Semiconductor FS7140 Datasheet HTML 3Page - ON Semiconductor FS7140 Datasheet HTML 4Page - ON Semiconductor FS7140 Datasheet HTML 5Page - ON Semiconductor FS7140 Datasheet HTML 6Page - ON Semiconductor FS7140 Datasheet HTML 7Page - ON Semiconductor FS7140 Datasheet HTML 8Page - ON Semiconductor FS7140 Datasheet HTML 9Page - ON Semiconductor FS7140 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
FS7140, FS7145
http://onsemi.com
6
Table 6. SERIAL INTERFACE TIMING SPECIFICATIONS (Note 3)
Parameter
Symbol
Conditions/Description
Fast Mode
Units
Min
Max
Clock frequency
fSCL
SCL
0
400
kHz
Bus free time between STOP and START
tBUF
1300
ns
Set−up time, START (repeated)
Tsu:STA
600
ns
Hold time, START
thd:STA
600
ns
Set−up time, data input
Tsu:DAT
SDA
100
ns
Hold time, data input
thd:DAT
SDA
0
ns
Output data valid from clock
tAA
900
ns
Rise time, data and clock
tR
SDA, SCL
300
ns
Fall time, data and clock
tF
SDA, SCL
300
ns
High time, clock
tHI
SCL
600
ns
Low time, clock
tLO
SCL
1300
ns
Set−up time, STOP
tsu:STO
600
ns
3. Unless otherwise stated, VDD = 3.3 V ± 10%, no load on any output, and ambient temperature range TA = 0°C to 70°C. Parameters denoted
with an asterisk (*) represent nominal characterization data and are not production tested to any specific limits. MIN and MAX characterization
data are ± 3s from typical.
FUNCTIONAL BLOCK DIAGRAM
Phase Locked Loop (PLL)
The PLL is a standard phase− and frequency−locked loop
architecture. The PLL consists of a reference divider, a
phase−frequency detector (PFD), a charge pump, an internal
loop filter, a voltage−controlled oscillator (VCO), a
feedback divider, and a post divider.
The reference frequency (generated by either the
on−board crystal oscillator or an external frequency source),
is first reduced by the reference divider. The integer value
that the frequency is divided by is called the modulus and is
denoted as NR for the reference divider. This divided
reference is then fed into the PFD.
The VCO frequency is fed back to the PFD through the
feedback divider (the modulus is denoted by NF).
The PFD will drive the VCO up or down in frequency until
the divided reference frequency and the divided VCO
frequency appearing at the inputs of the PFD are equal. The
input/output relationship between the reference frequency
and the VCO frequency is then:
fVCO
NF
+
fREF
NR
This basic PLL equation can be rewritten as
fVCO + fREF
NF
NR
A post divider (actually a series combination of three post
dividers) follows the PLL and the final equation for device
output frequency is:
fCLK + fREF
NF
NR
1
NPx
Reference Divider
The reference divider is designed for low phase jitter. The
divider accepts the output of either the crystal oscillator
circuit or an external reference frequency. The reference
divider is a 12 bit divider, and can be programmed for any
modulus from 1 to 4095 (divide by 1 not available on date
codes prior to 0108).
Feedback Divider
The feedback divider is based on a dual−modulus divider
(also called dual−modulus prescaler) technique. It permits
division by any integer value between 12 and 16383. Simply
program the FBKDIV register with the binary equivalent of
the desired modulus. Selected moduli below 12 are also
permitted. Moduli of: 4, 5, 8, 9, and 10 are also allowed (4
and 5 are not available on date codes prior to 0108).
Post Divider
The post divider consists of three individually
programmable dividers, as shown in Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com