Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS7140 Datasheet(PDF) 7 Page - ON Semiconductor

Part # FS7140
Description  Programmable Phase-Locked Loop Clock Generator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS7140 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FS7140 Datasheet HTML 3Page - ON Semiconductor FS7140 Datasheet HTML 4Page - ON Semiconductor FS7140 Datasheet HTML 5Page - ON Semiconductor FS7140 Datasheet HTML 6Page - ON Semiconductor FS7140 Datasheet HTML 7Page - ON Semiconductor FS7140 Datasheet HTML 8Page - ON Semiconductor FS7140 Datasheet HTML 9Page - ON Semiconductor FS7140 Datasheet HTML 10Page - ON Semiconductor FS7140 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
FS7140, FS7145
http://onsemi.com
7
Figure 2. Post Divider
The moduli of the individual dividers are denoted as NP1,
NP2 and NP3, and together they make up the array modulus
NPX.
NPX = NP1 x NP2 x NP3
The post divider performs several useful functions. First,
it allows the VCO to be operated in a narrower range of
speeds compared to the variety of output clock speeds that
the device is required to generate. Second, the extra integer
in the denominator permits more flexibility in the
programming of the loop for many applications where
frequencies must be achieved exactly.
Note that a nominal 50/50 duty factor is always preserved
(even for selections which have an odd modulus).
See Table 12 for additional information.
Crystal Oscillator
The FS7140 is equipped with a Pierce−type crystal
oscillator. The crystal is operated in parallel resonant mode.
Internal load capacitance is provided for the crystal. While
a recommended load capacitance for the crystal is specified,
crystals for other standard load capacitances may be used if
great precision of the reference frequency (100 ppm or less)
is not required.
Reference Divider Source MUX
The source of frequency for the reference divider can be
chosen to be the device crystal oscillator or the REF pin by
the REFDSRC bit.
When not using the crystal oscillator, it is preferred to
connect XIN to VSS. Do not connect to XOUT.
When not using the REF input, it is preferred to leave it
floating or connected to VDD.
Feedback Divider Source MUX
The source of frequency for the feedback divider may be
selected to be either the output of the post divider or the
output of the VCO by the FBKDSRC bit.
Ordinarily, for frequency synthesis, the output of the VCO
is used. Use the output of the post divider only where a
deterministic phase relationship between the output clock
and reference clock are desired (line−locked mode, for
example).
Device Shutdown
Two bits are provided to effect shutdown of the device if
desired, when it is not active. SHUT1 disables most
externally observable device functions. SHUT2 reduces
device quiescent current to absolute minimum values.
Normally, both bits should be set or cleared together.
Serial communications capability is not disabled by either
SHUT1 or SHUT2.
Differential Output Stage
The differential output stage supports both CMOS and
pseudo−ECL (PECL) signals. The desired output interface
is chosen via the programming registers.
If a PECL interface is used, the transmission line is usually
terminated using a Thévenin termination. The output stage
can only sink current in the PECL mode, and the amount of
sink current is set by a programming resistor on the
LOCK/IPRG pin. The ratio of output sink current to IPRG
current is 13:1. Source current for the CLKx pins is provided
by the pull−up resistors that are part of the Thévenin
termination.
Example
Assume that it is desired to connect a PECL−type fanout
buffer right next to the FS7140.
Further assume:
• VDD = 3.3 V
• Desired VHI = 2.4 V
• Desired VLO = 1.6 V
• Equivalent RLOAD = 75 ohms
Then:
R1 (from CLKP and CLKN output to VDD) =
RLOAD * VDD / VHI =
75 * 3.3 / 2.4 =
103 ohms
R2 (from CLKP and CLKN output to GND) =
RLOAD * VDD / (VDD − VHI) =
75 * 3.3 / (3.3 − 2.4) =
275 ohms
Rprgm (from VDD to IPRG pin) =
26 * (VDD * RLOAD) / (VHI − VLO) / 3 =
26 * (3.3 * 75) / (2.4 − 1.6) / 3 =
2.68 Kohms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com