Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE25S40AMC Datasheet(PDF) 18 Page - ON Semiconductor

Part # LE25S40AMC
Description  Serial Flash Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S40AMC Datasheet(HTML) 18 Page - ON Semiconductor

Back Button LE25S40AMC Datasheet HTML 14Page - ON Semiconductor LE25S40AMC Datasheet HTML 15Page - ON Semiconductor LE25S40AMC Datasheet HTML 16Page - ON Semiconductor LE25S40AMC Datasheet HTML 17Page - ON Semiconductor LE25S40AMC Datasheet HTML 18Page - ON Semiconductor LE25S40AMC Datasheet HTML 19Page - ON Semiconductor LE25S40AMC Datasheet HTML 20Page - ON Semiconductor LE25S40AMC Datasheet HTML 21Page - ON Semiconductor LE25S40AMC Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
LE25S40AMC
www.onsemi.com
18
14. Hardware Data Protection
LE25S40A incorporates a power-on reset function. The following conditions must be met in order to ensure that the
power reset circuit will operate stably.
No guarantees are given for data in the event of an instantaneous power failure occurring during the writing period.
Figure 19. Power-down Timing
Power-on timing
Parameter
Symbol
spec
unit
min
max
power-on to operation time
tPU
500
s
power-down time
tPD
10
ms
power-down voltage
VBOT
0.2
V
15. Software Data Protection
The LE25S40A eliminates the possibility of unintentional operations by not recognizing commands under the
following conditions.
 When a write command is input and the rising CS edge timing is not in a bus cycle (8 CLK units of SCK)
 When the page program data is not in 1-byte increments
 When the status register write command is input for 2 bus cycles or more
16. Decoupling Capacitor
A 0.1
F ceramic capacitor must be provided to each device and connected between VDD and VSS in order to ensure
that the device will operate stably.
VDD(Max)
VDD(Min)
VDD
0V
vBOT
tPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com