Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE25S40AMC Datasheet(PDF) 22 Page - ON Semiconductor

Part # LE25S40AMC
Description  Serial Flash Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S40AMC Datasheet(HTML) 22 Page - ON Semiconductor

Back Button LE25S40AMC Datasheet HTML 15Page - ON Semiconductor LE25S40AMC Datasheet HTML 16Page - ON Semiconductor LE25S40AMC Datasheet HTML 17Page - ON Semiconductor LE25S40AMC Datasheet HTML 18Page - ON Semiconductor LE25S40AMC Datasheet HTML 19Page - ON Semiconductor LE25S40AMC Datasheet HTML 20Page - ON Semiconductor LE25S40AMC Datasheet HTML 21Page - ON Semiconductor LE25S40AMC Datasheet HTML 22Page - ON Semiconductor LE25S40AMC Datasheet HTML 23Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
LE25S40AMC
www.onsemi.com
22
Figure 22. Page Program Flowchart
Start
05h
Set status register read
command
Set chip erase
command
Start erase on rising edge
of CS
End of erase
Bit 0 = “0” ?
YES
Chip erase
06h
Write enable
60h / C7h
NO
* Automatically placed in write disabled state at
the end of the erase
Page program
Start
05h
Set status register read
command
Set page program
command
Address 1
Address 2
Start program on rising
edge of CS
End of
programming
YES
Bit 0= “0” ?
Address 3
06h
Write enable
02h
NO
* Automatically placed in write disabled state at
the end of the programming operation.
Data 0
Data n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com