Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP45540IMNTWG.L Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP45540IMNTWG.L
Description  Advanced Load Management
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP45540IMNTWG.L Datasheet(HTML) 5 Page - ON Semiconductor

  NCP45540IMNTWG.L Datasheet HTML 1Page - ON Semiconductor NCP45540IMNTWG.L Datasheet HTML 2Page - ON Semiconductor NCP45540IMNTWG.L Datasheet HTML 3Page - ON Semiconductor NCP45540IMNTWG.L Datasheet HTML 4Page - ON Semiconductor NCP45540IMNTWG.L Datasheet HTML 5Page - ON Semiconductor NCP45540IMNTWG.L Datasheet HTML 6Page - ON Semiconductor NCP45540IMNTWG.L Datasheet HTML 7Page - ON Semiconductor NCP45540IMNTWG.L Datasheet HTML 8Page - ON Semiconductor NCP45540IMNTWG.L Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
NCP45540
www.onsemi.com
5
TYPICAL CHARACTERISTICS
(TJ = 25°C unless otherwise specified)
Figure 3. On−Resistance vs. Input Voltage
Figure 4. On−Resistance vs. Temperature
VIN, INPUT VOLTAGE (V)
TJ, JUNCTION TEMPERATURE (°C)
12.5
10.5
8.5
6.5
4.5
2.5
0.5
3.0
3.5
4.0
4.5
5.5
6.0
105
75
45
15
−15
−45
2
3
4
5
6
7
8
9
Figure 5. Supply Standby Current vs. Supply
Voltage
Figure 6. Supply Standby Current vs.
Temperature
VCC, SUPPLY VOLTAGE (V)
TJ, JUNCTION TEMPERATURE (°C)
5.5
5.0
4.5
4.0
3.5
3.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
105
90
60
30
15
0
−30
−45
0
1
2
3
4
5
6
7
Figure 7. Supply Dynamic Current vs. Input
Voltage
Figure 8. Supply Dynamic Current vs. Supply
Voltage
VIN, INPUT VOLTAGE (V)
VCC, SUPPLY VOLTAGE (V)
12.5
10.5
8.5
6.5
4.5
2.5
0.5
150
200
250
300
350
450
500
550
5.5
5.0
4.5
4.0
3.5
3.0
150
200
300
350
400
500
550
600
5.0
VCC = 3 V
VCC = 5.5 V
VIN = 1.8 V
VCC = 3.3 V
VIN = 5.0 V
VIN = 12 V
120
0
−30
30
60
90
−15
45
75
120
VCC = 3 V
VCC = 5.5 V
VCC = 3 V
VCC = 5.5 V
400
VIN = 12 V
250
450
VIN = 1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com