Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP45540IMNTWG.L Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP45540IMNTWG.L
Description  Advanced Load Management
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP45540IMNTWG.L Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP45540IMNTWG.L Datasheet HTML 2Page - ON Semiconductor NCP45540IMNTWG.L Datasheet HTML 3Page - ON Semiconductor NCP45540IMNTWG.L Datasheet HTML 4Page - ON Semiconductor NCP45540IMNTWG.L Datasheet HTML 5Page - ON Semiconductor NCP45540IMNTWG.L Datasheet HTML 6Page - ON Semiconductor NCP45540IMNTWG.L Datasheet HTML 7Page - ON Semiconductor NCP45540IMNTWG.L Datasheet HTML 8Page - ON Semiconductor NCP45540IMNTWG.L Datasheet HTML 9Page - ON Semiconductor NCP45540IMNTWG.L Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
NCP45540
www.onsemi.com
6
TYPICAL CHARACTERISTICS
(TJ = 25°C unless otherwise specified)
Figure 9. Supply Dynamic Current vs.
Temperature
Figure 10. Bleed Resistance vs. Supply
Voltage
TJ, JUNCTION TEMPERATURE (°C)
VCC, SUPPLY VOLTAGE (V)
105
75
45
15
−15
−45
200
250
350
400
500
550
650
700
5.5
5.0
4.5
4.0
3.5
3.0
95
100
105
110
115
Figure 11. Bleed Resistance vs. Temperature
Figure 12. Bleed Pin Leakage Current vs. Input
Voltage
TJ, JUNCTION TEMPERATURE (°C)
VIN, INPUT VOLTAGE (V)
105
75
45
15
−15
−45
85
95
105
115
125
135
145
12.5
10.5
8.5
6.5
4.5
2.5
0.5
0
10
20
30
40
50
60
70
Figure 13. Bleed Pin Leakage Current vs.
Temperature
Figure 14. EN Pull Down/Up Resistance vs.
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
105
75
45
15
−15
−45
0
10
20
30
40
60
70
80
105
75
45
15
−15
−45
85
90
95
100
105
110
115
120
300
450
600
VCC = 3.0 V, VIN = 12 V
VCC = 5.5 V, VIN = 1.8 V
VCC = 3 V
VCC = 5.5 V
VCC = 3 V
VCC = 5.5 V
50
VCC = 3 V, VIN = 12 V
VCC = 3 V, VIN = 1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com