Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP45540IMNTWG.L Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP45540IMNTWG.L
Description  Advanced Load Management
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP45540IMNTWG.L Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP45540IMNTWG.L Datasheet HTML 4Page - ON Semiconductor NCP45540IMNTWG.L Datasheet HTML 5Page - ON Semiconductor NCP45540IMNTWG.L Datasheet HTML 6Page - ON Semiconductor NCP45540IMNTWG.L Datasheet HTML 7Page - ON Semiconductor NCP45540IMNTWG.L Datasheet HTML 8Page - ON Semiconductor NCP45540IMNTWG.L Datasheet HTML 9Page - ON Semiconductor NCP45540IMNTWG.L Datasheet HTML 10Page - ON Semiconductor NCP45540IMNTWG.L Datasheet HTML 11Page - ON Semiconductor NCP45540IMNTWG.L Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
NCP45540
www.onsemi.com
8
TYPICAL CHARACTERISTICS
(TJ = 25°C unless otherwise specified)
Figure 21. Output Slew Rate vs. Temperature
Figure 22. Output Turn−on Delay vs. Input
Voltage
TJ, JUNCTION TEMPERATURE (°C)
VIN, INPUT VOLTAGE (V)
100
80
60
40
20
0
−20
−40
10.5
11.0
11.5
12.0
12.5
13.0
13.5
14.0
12.5
10.5
8.5
6.5
4.5
2.5
0.5
150
170
190
210
230
270
290
Figure 23. Output Turn−on Delay vs.
Temperature
Figure 24. Output Turn−off Delay vs. Input
Voltage
TJ, JUNCTION TEMPERATURE (°C)
VIN, INPUT VOLTAGE (V)
100
80
60
40
20
0
−20
−40
150
175
200
225
250
275
12.5
10.5
8.5
6.5
4.5
2.5
0.5
0
0.5
1.5
2.0
2.5
3.0
Figure 25. Output Turn−off Delay vs.
Temperature
Figure 26. Power Good Turn−on Time vs. Input
Voltage
TJ, JUNCTION TEMPERATURE (°C)
VIN, INPUT VOLTAGE (V)
100
80
60
40
20
0
−20
−40
0.50
0.75
1.00
1.50
1.75
2.00
12.5
10.5
8.5
6.5
4.5
2.5
0.5
0.8
1.2
2.0
120
VCC = 3.3 V, VIN = 12 V
VCC = 5 V, VIN = 1.8 V
250
VCC = 3 V
VCC = 5.5 V
VCC = 3.3 V, VIN = 12 V
VCC = 5 V, VIN = 1.8 V
120
1.0
VCC = 3 V
VCC = 5.5 V
VCC = 3.3 V, VIN = 12 V
VCC = 5 V, VIN = 1.8 V
120
VCC = 3 V
VCC = 5.5 V
1.0
1.4
1.6
1.25
1.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com