Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8018233FSC Datasheet(PDF) 79 Page - Zilog, Inc.

Part # Z8018233FSC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233FSC Datasheet(HTML) 79 Page - Zilog, Inc.

Back Button Z8018233FSC Datasheet HTML 75Page - Zilog, Inc. Z8018233FSC Datasheet HTML 76Page - Zilog, Inc. Z8018233FSC Datasheet HTML 77Page - Zilog, Inc. Z8018233FSC Datasheet HTML 78Page - Zilog, Inc. Z8018233FSC Datasheet HTML 79Page - Zilog, Inc. Z8018233FSC Datasheet HTML 80Page - Zilog, Inc. Z8018233FSC Datasheet HTML 81Page - Zilog, Inc. Z8018233FSC Datasheet HTML 82Page - Zilog, Inc. Z8018233FSC Datasheet HTML 83Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 109 page
background image
3-79
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
EMULATION MODES (Continued)
Table 21. Emulation Mode 1
Normal
Emulation Adaptor
Signal
Mode 0
Mode 1
PHI
Output
Input
/M1
Output
Input
/MREQ,/MRD
Output
Input
/IORQ
Output
Input
/RD
Output
Input
/WR
Output
Input
/RFSH
Output
Input
/HALT
Output
Input
ST
Output
Input
E
Output
Tri-state
/BUSACK
Output
Input
/WAIT
Input
Output
A19,A18/T
OUT
Output
Input
A17-A0
Output
Input
D7-D0
Input/Output
Input/Output
TxA0
Output
Tri-state
/RTS0
Output
Tri-state
TxA1
Output
Tri-state
/INT0
Input
Output, Open-Drain
Mode 2 Emulation Probe Mode
In the Emulator Probe Mode all of the Z182 output signals
are tri-state. This scheme allows a Z182 emulator probe to
grab on to the Z182 package leads on the target system.
Mode 3 RESERVED (for test purposes only)
This mode is reserved for test purpose only, do not use.
Notes:
Z182 has two branches of reset. /RESET controls the Z182
overall configuration, RAM and ROM boundaries, plus the
ESCC, Port and the 16550 MIMIC interface. In Normal
Mode, a "one shot" circuit samples the input of the /RESET
pin to assert the internal reset to its proper duration. In
Adapter Mode, this "one shot" circuit is bypassed. Note
also that the Z180’s crystal oscillator is disabled in Mode
1 and Mode 2.
In Mode 1 the emulator must provide /MREQ on the
(/MREQ,/MRD) Z80182/Z8L182 pin (not /MRD); and A18
(not T
OUT) on the A18/TOUT pin.
SLEEP, HALT EFFECT ON MIMIC AND 182 SIGNALS
The following signals are High-Z during SLEEP and HALT:
s
/IOCS when so selected in the Interrupt
Edge/Pin MUX Register.
s
/RD and /WR.
A0-A19 (A18 if selected) always High-Z in power down.
D0-D7 always High-Z in power down modes.
The MIMIC logic of the 182 is disabled during power down
modes of the Z180.
The following Z80182/Z8L182 signals are driven High
when Z180™ MPU enters a SLEEP or HALT state:
s
/MRD when selected in the Interrupt
Edge/Pin MUX Register.
s
/MWR when selected in the Interrupt
Edge/Pin MUX Register.
s
/ROMCS,/RAMCS always High in
SLEEP or HALT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com