Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8018233FSC Datasheet(PDF) 69 Page - Zilog, Inc.

Part # Z8018233FSC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233FSC Datasheet(HTML) 69 Page - Zilog, Inc.

Back Button Z8018233FSC Datasheet HTML 65Page - Zilog, Inc. Z8018233FSC Datasheet HTML 66Page - Zilog, Inc. Z8018233FSC Datasheet HTML 67Page - Zilog, Inc. Z8018233FSC Datasheet HTML 68Page - Zilog, Inc. Z8018233FSC Datasheet HTML 69Page - Zilog, Inc. Z8018233FSC Datasheet HTML 70Page - Zilog, Inc. Z8018233FSC Datasheet HTML 71Page - Zilog, Inc. Z8018233FSC Datasheet HTML 72Page - Zilog, Inc. Z8018233FSC Datasheet HTML 73Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 109 page
background image
3-69
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
16550 MIMIC REGISTERS
The Z80182/Z8L182 contains the following set of registers
for interfacing with the PC/XT/AT.
– Receive Buffer Register
– Transmit Holding Register
– Interrupt Enable Register
– Interrupt Identification Register
– FIFO Control Register
– Line Control Register
– Modem Control Register
– Line Status Register
– Modem Status Register
– Scratch Register
– Divisor Latch Least/Most Significant Bytes
– FIFO Control Register
These registers emulate the 16550 UART and enable the
PC/XT/AT to interface with them as with an actual 16550
UART. This allows the Z80182/Z8L182 to be software
compatible with existing modem software.
0000000
0
D7
D6
D5
D4
D3
D2
D1
D0
Receive Buffer Register
Figure 69. Receive Buffer Register
(PC Read Only, Address 00H, DLAB=0, R/W=Read)
(Z180™ MPU Write Only, Address XXF0H)
Receive Buffer Register
When the Z180 has assembled a byte of data to pass to the
PC/XT/AT, it places it in the Receive Buffer Register. If the
Received Data Available interrupt is enabled then an
interrupt is generated for the PC/XT/AT and the Data Ready
bit is set (if the Receive Timer is enabled, the interrupt and
setting of the Data Ready bit is delayed until after the timer
times out). Also the shadowed bits of the Line Status
Register are transferred to their respective bits when the
Z180 MPU writes to the Receive Buffer Register (See Line
Status Register Bits 1, 2, 3 and 4). This allows a simultaneous
setting of error bits when the data is written to the Receive
Buffer Register. In FIFO, mode this address is used to read
(PC) and write (Z180) the Receive FIFO.
0000000
0
D7
D6
D5
D4
D3
D2
D1
D0
Transmitter Holding Register
Figure 70. Transmit Holding Register
(PC Write Only, Address 00H, DLAB=0, R/W=Write)
(Z180 MPU Read Only, Address xxF0H)
Transmit Holding Register
When the PC/XT/AT writes to the Transmit Holding Register,
the Z80182/Z8L182 responds by setting the appropriate
bit in the IP register and by generating an interrupt to the
Z180 MPU if it is enabled. When the Z180 MPU reads this
register the Transmit Holding Register empty flag is set (if
the transmitter timer is enabled , this bit is set after the timer
times out). In FIFO mode of operation, this address is used
to read (Z180) and write (PC) the Transmitter FIFO.
0
0
000000
D7
D6
D5
D4
D3
D2
D1
D0
DMA Mode Select
Reserved (Tx Overrun, MPU only)
Reserved (FCR Write, MPU only)
RCVR Trigger (LSB)
RCVR Trigger (MSB)
XMIT FIFO Reset
RCVR FIFO Reset
FIFO Enable
Figure 71. FIFO Control Register
(PC Write Only, Address 02H)
(Z180 MPU Read Only, Address xxE9H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com