Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z80C3010VSC Datasheet(PDF) 55 Page - Zilog, Inc.

Part # Z80C3010VSC
Description  CMOS SCC SERIAL COMMUNICATIONS CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80C3010VSC Datasheet(HTML) 55 Page - Zilog, Inc.

Back Button Z80C3010VSC Datasheet HTML 51Page - Zilog, Inc. Z80C3010VSC Datasheet HTML 52Page - Zilog, Inc. Z80C3010VSC Datasheet HTML 53Page - Zilog, Inc. Z80C3010VSC Datasheet HTML 54Page - Zilog, Inc. Z80C3010VSC Datasheet HTML 55Page - Zilog, Inc. Z80C3010VSC Datasheet HTML 56Page - Zilog, Inc. Z80C3010VSC Datasheet HTML 57Page - Zilog, Inc. Z80C3010VSC Datasheet HTML 58Page - Zilog, Inc. Z80C3010VSC Datasheet HTML 59Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 96 page
background image
=&=& &026 6&&
6HULDO &RPPXQLFDWLRQV &RQWUROOHU
)XQFWLRQDO 'HVFULSWLRQ
36

)LJXUH  5HDG 5HJLVWHU %LW)XQFWLRQV
D7 D6 D5 D4 D3 D2 D1 D0
Read Register 0
Rx Character Available
Zero Count
Tx Buffer Empty
DCD
Sync/Hunt
CTS
Tx Underrun/EOM
Break/Abort
D7 D6 D5 D4 D3 D2 D1 D0
Read Register 1
All Sent
Residue Code 2
Residue Code 1
Residue Code 0
Parity Error
Rx Overrun Error
CRC/Framing Error
End of Frame (SDLC)
D7 D6 D5 D4 D3 D2 D1 D0
Read Register 2
V0
V1
V2
V3
V4
V5
V6
V7
Interrupt
Vector *
* Modified in B Channel
D7 D6 D5 D4 D3 D2 D1 D0
Read Register 12
TC0
TC1
TC2
TC3
TC4
TC5
TC6
TC7
Lower Byte
of Time Constant
D7 D6 D5 D4 D3 D2 D1 D0
Read Register 10
0
On Loop
0
0
Loop Sending
0
Two Clocks Missing
One Clocks Missing
D7 D6 D5 D4 D3 D2 D1 D0
Read Register 3
Channel B Ext/Status IP
Channel B Tx IP
Channel B Rx IP
Channel A Ext/Status IP
Channel A Tx IP
Channel A Rx IP
0
0
*
* Always 0 in B Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com