Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z80C3010VSC Datasheet(PDF) 66 Page - Zilog, Inc.

Part # Z80C3010VSC
Description  CMOS SCC SERIAL COMMUNICATIONS CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80C3010VSC Datasheet(HTML) 66 Page - Zilog, Inc.

Back Button Z80C3010VSC Datasheet HTML 62Page - Zilog, Inc. Z80C3010VSC Datasheet HTML 63Page - Zilog, Inc. Z80C3010VSC Datasheet HTML 64Page - Zilog, Inc. Z80C3010VSC Datasheet HTML 65Page - Zilog, Inc. Z80C3010VSC Datasheet HTML 66Page - Zilog, Inc. Z80C3010VSC Datasheet HTML 67Page - Zilog, Inc. Z80C3010VSC Datasheet HTML 68Page - Zilog, Inc. Z80C3010VSC Datasheet HTML 69Page - Zilog, Inc. Z80C3010VSC Datasheet HTML 70Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 96 page
background image
=&=&&026 6&&
6HULDO &RPPXQLFDWLRQV &RQWUROOHU
36
(OHFWULFDO &KDUDFWHULVWLFV

7DEOH  =&=& '& &KDUDFWHULVWLFV
6\PERO 3DUDPHWHU 0LQ
7\S 0D[
8QLW &RQGLWLRQ
9DC
,QSXW +LJK
9ROWDJH

988 h
D
9&& 69 W XQOHVV RWKHUZLVH VSHFLILHGRYHU VSHFLILHGWHPSHUDWXUH UDQJH
9
9DG
,QSXW /RZ
9ROWDJH


9
9PC
2XWSXW +LJK
9ROWDJH

9
,PC  P$
9PC!
2XWSXW +LJK
9ROWDJH
988 
9
,PC  m$
9PG
2XWSXW /RZ
9ROWDJH

9
,PG  P$
,DG
,QSXW
/HDNDJH
–
m$
 9DI  9
,PG
2XWSXW
/HDNDJH
–
m$
 9PVU  9
,88
988 6XSSO\
&XUUHQWi
E
7\SLFDO ,&& ZDV PHDVXUHG ZLWKRVFLOODWRU RII

 0+]
P$ 988Ã 9 9DC  9DG 
  0+] P$ &U\VWDO 2VFLOODWRU RII
,88PT8 &U\VWDO
26&
&XUUHQWp
F
1R ,&& 26& PD[ LVVSHFLILHG GXHWR GHSHQGHQF\ RQ H[WHUQDO FLUFXLWDQG IUHTXHQF\ RI
RVFLOODWLRQ

P$ &XUUHQW IRU HDFK 26& LQ
DGGLWLRQ WR ,88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com