Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86C7216FSC Datasheet(PDF) 53 Page - Zilog, Inc.

Part # Z86C7216FSC
Description  IR MICROCONTROLLER
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C7216FSC Datasheet(HTML) 53 Page - Zilog, Inc.

Back Button Z86C7216FSC Datasheet HTML 49Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 50Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 51Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 52Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 53Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 54Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 55Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 56Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 57Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 71 page
background image
Z86C72/C92/L72/L92
Zilog
IR Microcontroller
DS97LVO0900
P R E L I M I N A R Y
6-53
1
Comparator Output Port 3 (D0). Bit 0 controls the com-
parator used in Port 3. A 1 in this location brings the com-
parator outputs to P34 and P37, and a 0 releases the Port
to its standard I/O configuration.
Stop-Mode Recovery Register (SMR). This register se-
lects the clock divide value and determines the mode of
Stop-Mode Recovery (Figure 38). All bits are write only ex-
cept bit 7, which is read only. Bit 7 is a flag bit that is hard-
ware set on the condition of STOP recovery and reset by
a power-on cycle. Bit 6 controls whether a low level or a
high level is required from the recovery source. Bit 5 con-
trols the reset delay after recovery. Bits D2, D3, and D4, of
the SMR register, specify the source of the Stop-Mode Re-
covery signal. Bit D0 determines if SCLK/TCLK are divided
by 16 or not. The SMR is located in Bank F of the Expand-
ed Register Group at address 0BH.
Figure 38. Stop-Mode Recovery Register
D7
D6
D5
D4
D3
D2
D1
D0
SMR (0F) 0B
SCLK/TCLK Divide-by-16
0 OFF
1 ON
Reserved (Must be 0)
Stop-Mode Recovery Source
000
001
010
011
100
101
11 0
111
Stop Delay
0 OFF
1 ON
Stop Recovery Level
0 Low
1 High
Stop Flag
0 POR
1 Stop Recovery**
* Default Setting After Reset
** Default Setting After Reset and Stop-Mode Recovery
**
*
*
*
*
POR Only
Reserved
P31
P32
P33
P27
P2 NOR 0-3
P2 NOR 0-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com