Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86C7216FSC Datasheet(PDF) 57 Page - Zilog, Inc.

Part # Z86C7216FSC
Description  IR MICROCONTROLLER
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C7216FSC Datasheet(HTML) 57 Page - Zilog, Inc.

Back Button Z86C7216FSC Datasheet HTML 53Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 54Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 55Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 56Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 57Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 58Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 59Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 60Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 61Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 71 page
background image
Z86C72/C92/L72/L92
Zilog
IR Microcontroller
DS97LVO0900
P R E L I M I N A R Y
6-57
1
Watch-Dog Timer Mode Register (WDTMR). The WDT
is a retriggerable one-shot timer that resets the Z8 if it
reaches its terminal count. The WDT must initially be en-
abled by executing the WDT instruction and refreshed on
subsequent executions of the WDT instruction. The WDT
circuit is driven by an on-board RC oscillator or external
oscillator from the XTAL1 pin. The WDT instruction affects
the Zero (Z), Sign (S), and Overflow (V) flags.
The POR clock source is selected with bit 4 of the WDT
register. Bit 0 and 1 control a tap circuit that determines the
time-out period. Bit 2 determines whether the WDT is ac-
tive during HALT and Bit 3 determines WDT activity during
STOP. Bits 5 through 7 are reserved (Figure 42). This reg-
ister is accessible only during the first 64 processor cycles
(128 XTAL clocks) from the execution of the first instruc-
tion after Power-On-Reset, Watch-Dog Reset, or a Stop-
Mode Recovery (Figure 38). After this point, the register
cannot be modified by any means, intentional or other-
wise. The WDTMR cannot be read and is located in Bank
F of the Expanded Register Group at address location
0FH. It is organized as follows:
Figure 42. Watch-Dog Timer Mode Register
(Write Only)
D7
D6
D5
D4
D3
D2
D1
D0
WDTMR (0F) 0F
WDT TAP
INT RC OSC External Clock
00
5 ms
256 TpC
01
10 ms
512 TpC
10
20 ms
1024 TpC
11
80 ms
4096 TpC
WDT During HALT
0 OFF
1 ON
WDT During STOP
0 OFF
1 ON
XTAL1/INT RC Select for WDT
0 On-Chip RC
1 XTAL
Reserved (Must be 0)
* Default Setting After Reset
*
*
*
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com