Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86C7216FSC Datasheet(PDF) 71 Page - Zilog, Inc.

Part # Z86C7216FSC
Description  IR MICROCONTROLLER
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C7216FSC Datasheet(HTML) 71 Page - Zilog, Inc.

Back Button Z86C7216FSC Datasheet HTML 63Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 64Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 65Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 66Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 67Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 68Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 69Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 70Page - Zilog, Inc. Z86C7216FSC Datasheet HTML 71Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 71 / 71 page
background image
Z86C72/C92/L72/L92
Zilog
IR Microcontroller
DS97LVO0900
P R E L I M I N A R Y
6-71
1
ORDERING INFORMATION
For fast results, contact your local Zilog sales office for assistance in ordering the part desired.
Codes
Package
P = Plastic DIP
F = Plastic Quad Flat Pack
V = Plastic Chip Carrier
Temperature
S = 0
°C to +70°C
Speed
8 = 8 MHz
16 = 16 MHz
Environmental
C = Plastic Standard
© 1997 by Zilog, Inc. All rights reserved. No part of this
document may be copied or reproduced in any form or by
any means without the prior written consent of Zilog, Inc.
The information in this document is subject to change
without notice. Devices sold by Zilog, Inc. are covered by
warranty and patent indemnification provisions appearing
in Zilog, Inc. Terms and Conditions of Sale only. Zilog, Inc.
makes no warranty, express, statutory, implied or by
description, regarding the information set forth herein or
regarding the freedom of the described devices from
intellectual property infringement. Zilog, Inc. makes no
warranty of merchantability or fitness for any purpose.
Zilog, Inc. shall not be responsible for any errors that may
appear in this document. Zilog, Inc. makes no commitment
to update or keep current the information contained in this
document.
Zilog’s products are not authorized for use as critical
components in life support devices or systems unless a
specific written agreement pertaining to such intended use
is executed between the customer and Zilog prior to use.
Life support devices or systems are those which are
intended for surgical implantation into the body, or which
sustains life whose failure to perform, when properly used
in accordance with instructions for use provided in the
labeling, can be reasonably expected to result in
significant injury to the user.
Zilog, Inc. 210 East Hacienda Ave.
Campbell, CA 95008-6600
Telephone (408) 370-8000
FAX 408 370-8056
Internet: http://www.zilog.com
Z86L72/L92
8 MHz
40-pin DIP
44-pin PLCC
Z86L7208PSC
Z86L7208VSC
44-pin QFP
Z86L9208VSC
Z86L7208FSC
Z86C72/C92
16 MHz
40-pin DIP
44-pin PLCC
Z86C7216PSC
Z86C7216VSC
44-pin QFP
Z86C9216VSC
Z86C7216FSC
Example:
Z 86L72 08 P S C
Environmental Flow
Temperature
Package
Speed
Product Number
Zilog Prefix
is a Z86L72, 8 MHz, DIP, 0
°C to +70°C, Plastic Standard Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com