| Electronic Components Datasheet Search |
|
Z89340 Datasheet(PDF) 12 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z89340 Datasheet(HTML) 12 Page - Zilog, Inc. |
|
12 / 30 page ![]() Z89340 Digital Wavetable Engine 1-12 P R E L I M I N A R Y DS96DSP0201 CODEC INTERFACE TIMING DIAGRAM PIN FUNCTIONS ADC_VREF_HI, ADC_VREF_LO. Analog-to-Digital Con- verter Voltage Reference. ADC_0–3 (I/O). Joystick button 0-3. ADC_4–7 (Input). Game port 4-7. AGND. Analog Ground. AUX_CS0–3 (Ouput). Auxiliary chip-select. These pins are used to select the CD-ROM interfaces. AVDD. Analog Supply. CAS (Output). Column Address Strobe Output. This mem- ory address strobe is used in conjunction with the address lines ROMADD01–R0MADD23. CLKOUT (Output). Clock Output. CODEC_SCLK (Output). Serial clock signal 0-1. CODEC_SD_IN (Input). Serial data in 0-1. CODEC_SD_OUT (Output). Serial data out 0-1. CODEC_STROBE_0–3 (Output) Serial CODEC chip se- lect strobe 0-3. GND. Ground. ISA_AEN (Input). ISA Bus Address Enable. This is the ad- dress enable line and should be connected to the ISA bus signal of the same name. ISA_BHE (I/O). ISA Bus High Byte Enable. ISA_DACK_01,03,05,06,07 (Input). ISA DMA Acknowl- edge 01,03,05,06,07. These are DMA acknowledge pins and should be connected to the appropriate ISA bus lines. ISA_DRQ_01,03,05,06,07 (Tristate/Output). ISA DMA Request 01,03,05,06,07. These are DMA request pins and should be connected to the appropriate ISA bus lines. ISA_IOCHRDY (Output). Connected to the ISA bus signal of the same name. ISA_IOCS16 (Tristate/Output). ISA I/0 Select 16-bit Trans- fer. This pin is used during 16-bit DMA transfers and should be connected to the ISA bus signal of the same name. ISA_IOR (I/O). ISA I/0 Read. This is the I/0 Read. The I/0 read pulse should be connected to the ISA bus signal of the same name. ISA_IOW (I/O). ISA I/0 Write. This is the I/0 write pulse line that should be connected to the ISA bus signal of the same name. ISA_IRQ_05,07,09,10,11 (Output). ISA Interrupt Request 05,07,09,10,11. These are Interrupt request pins and should be connected to the appropriate ISA bus lines. ISA_LA_17–23 (Tri-State Output). ISA Address Bus. These lines map directly to the PC address bus; the pins should be connected to the ISA bus address lines of the same name. ISA_MASTER16 (Tr-State Output). ISA Master Mode 16- bit Transfer. ISA_MEMR (I/O). ISA Memory Read. Figure 9. CODEC Interface Timing Diagram CODEC_STROBE_n CODEC_SCLK_n CODEC_SDIN_n CODEC_SDOUT_n |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |