Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z89340 Datasheet(PDF) 5 Page - Zilog, Inc.

Part # Z89340
Description  Digital Wavetable Engine
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89340 Datasheet(HTML) 5 Page - Zilog, Inc.

  Z89340 Datasheet HTML 1Page - Zilog, Inc. Z89340 Datasheet HTML 2Page - Zilog, Inc. Z89340 Datasheet HTML 3Page - Zilog, Inc. Z89340 Datasheet HTML 4Page - Zilog, Inc. Z89340 Datasheet HTML 5Page - Zilog, Inc. Z89340 Datasheet HTML 6Page - Zilog, Inc. Z89340 Datasheet HTML 7Page - Zilog, Inc. Z89340 Datasheet HTML 8Page - Zilog, Inc. Z89340 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Z89340
Digital Wavetable Engine
DS96DSP0201
P R E L I M I N A R Y
1-5
1
60
61
62
63
64
65
66
ISA_IRQ_11
ISA_IRQ_10
ISA_IOCS16
Reserved
ISA_IRQ_05
ISA_IRQ_07
CLKOUT
ISA Interrupt Request 11
ISA Interrupt Request 10
ISA I/O Select 16-Bit Transfer
Reserved
ISA Interrupt Request 05
ISA Interrupt Request 07
Clock Output
Tri-State Output
Tri-State Output
Tri-State Output
N/A
Tri-State Output
Output
Output
67
68
69
70
71
72
ISA_DRQ_01
ISA_DACK_01
ISA_DRQ_03
ISA_DACK_03
ISA_IOR
ISA_IOW
ISA DMA Request 01
ISA DMA Acknowledge 01
ISA DMA Request 03
ISA DMA Acknowledge 03
ISA I/O Read
ISA I/O Write
Tri-State Output
Input
Tri-State Output
Input
Input/Output
Input/Output
73
74
75–79
80
81
ISA_IRQ_09
ISA_RESDRV
ISA_SA00–SA04
VCC
GND
ISA Interrupt Request 09
Chip Reset
ISA Address Bus
Power Supply
Ground
Tri-State Output
Input
Input/Output
82–96
97
98
99–106
107
108
109–112
ISA_SA05–SA19
ISA_AEN
ISA_I0CHRDY
ISA_SD_00–07
AVDD
ADC_VREF_HI
ADC_0–3
Address Bus
ISA Bus Address Enable
ISA Channel Ready
ISA Data Bus
Analog Supply
ADC Voltage Reference High
Joystick Button 00–03
82–92: I/O; 93-96: Tri O
Input
Open-Drain Output
Input/Output
Input
Input/Output
113–116
117
118
119
120
ADC_4–7
ADC_VREF_LO
AGND
MIDI_RX
VCC
Gameport ADC 04–07
ADC Voltage Reference Low
Analog Ground
MIDI Input
Power Supply
Input
Input
Input
121
122
123
124
125
GND
MIDI_TX
CODEC_SCLK
CODEC_SD_IN
CODEC_SD_OUT
Ground
MIDI Output
Serial Clock Signal
Serial Data In
Serial Data Out
Output
Output
Input
Output
126–129
130
131
132
CODEC_STROBE_0–3
VCC
CLK
GND
Serial CODEC Chip Select Strobe
Power Supply
System Clock
Ground
Output
Input
133–136
137–140
141
142
143
MODE_0–3
AUX_CS0–3
VCC
GND
RAS
Operation Mode Select 00–S3
Auxiliary Chip Select 00–03
Power Supply
Ground
Ext. DRAM Row Address Strobe
Input
Output
Input
Output
Table 1. 160-Pin QFP Pin Identification
Pin #
Symbol
Function
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com