Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z89340 Datasheet(PDF) 18 Page - Zilog, Inc.

Part # Z89340
Description  Digital Wavetable Engine
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89340 Datasheet(HTML) 18 Page - Zilog, Inc.

Back Button Z89340 Datasheet HTML 14Page - Zilog, Inc. Z89340 Datasheet HTML 15Page - Zilog, Inc. Z89340 Datasheet HTML 16Page - Zilog, Inc. Z89340 Datasheet HTML 17Page - Zilog, Inc. Z89340 Datasheet HTML 18Page - Zilog, Inc. Z89340 Datasheet HTML 19Page - Zilog, Inc. Z89340 Datasheet HTML 20Page - Zilog, Inc. Z89340 Datasheet HTML 21Page - Zilog, Inc. Z89340 Datasheet HTML 22Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Z89340
Digital Wavetable Engine
1-18
P R E L I M I N A R Y
DS96DSP0201
FUNCTIONAL DESCRIPTION (Continued)
Tape Loop Oscillator
The Tape Loop Oscillator takes its input from an input reg-
ister, an effects channel, or a submix register. It then reads
a sample from wave RAM, and writes the scaled input val-
ue plus the scaled and filtered sample from wave RAM
back to the same location in wave RAM. It behaves very
much like a tape recorder with a loop of tape, hence the
name “Tape Loop.” Echo and single-delay reverberation
can be accomplished with the Tape Loop Oscillator. The
amount of delay is set with the Wave Loop Length regis-
ters, and can be more than a second if you are willing to
dedicate the necessary RAM. This oscillator can also be
used to transfer input from a ADC that is connected to one
of the input registers. In this way the input can be buffered
in RAM for later use by the CPU host, or processing can
be done by the Z89340 before sending the signal to a ste-
reo submix register pair or one or more output channels.
The Tape Loop Oscillator can also perform the function of
the comb filter component of reverb algorithms (Figure
12).
Figure 12. The Tape Loop Oscillator Address Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com