Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV324MT/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LMV324MT/NOPB
Description  Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV324MT/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LMV324MT/NOPB Datasheet HTML 20Page - Texas Instruments LMV324MT/NOPB Datasheet HTML 21Page - Texas Instruments LMV324MT/NOPB Datasheet HTML 22Page - Texas Instruments LMV324MT/NOPB Datasheet HTML 23Page - Texas Instruments LMV324MT/NOPB Datasheet HTML 24Page - Texas Instruments LMV324MT/NOPB Datasheet HTML 25Page - Texas Instruments LMV324MT/NOPB Datasheet HTML 26Page - Texas Instruments LMV324MT/NOPB Datasheet HTML 27Page - Texas Instruments LMV324MT/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
LMV321-N, LMV321-N-Q1, LMV358-N
LMV358-N-Q1, LMV324-N, LMV324-N-Q1
SNOS012J – AUGUST 2000 – REVISED DECEMBER 2014
www.ti.com
Typical Applications (continued)
9.2.4.1 Detailed Design Procedure
The following paragraphs explain how to select values for R1, R2, R3, R4, C1, and C 2 for given filter requirements,
such as ALP, Q, and fc.
The standard form for a 2nd-order low pass filter is
(4)
where
Q: Pole Quality Factor
ωC: Corner Frequency
A comparison between Equation 3 and Equation 4 yields
(5)
(6)
To reduce the required calculations in filter design, it is convenient to introduce normalization into the
components and design parameters. To normalize, let
ωC = ωn = 1 rad/s, and C1 = C2 = Cn = 1F, and substitute
these values into Equation 5 and Equation 6. From Equation 5, we obtain
(7)
From Equation 6, we obtain
(8)
For minimum DC offset, V+ = V−, the resistor values at both inverting and non-inverting inputs should be equal,
which means
(9)
From Equation 2 and Equation 9, we obtain
(10)
(11)
The values of C1 and C2 are normally close to or equal to
(12)
As a design example:
Require: ALP = 2, Q = 1, fc = 1 kHz
Start by selecting C1 and C2. Choose a standard value that is close to
(13)
(14)
24
Submit Documentation Feedback
Copyright © 2000–2014, Texas Instruments Incorporated
Product Folder Links: LMV321-N LMV321-N-Q1 LMV358-N LMV358-N-Q1 LMV324-N LMV324-N-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com