Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV324MT/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMV324MT/NOPB
Description  Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV324MT/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LMV324MT/NOPB Datasheet HTML 1Page - Texas Instruments LMV324MT/NOPB Datasheet HTML 2Page - Texas Instruments LMV324MT/NOPB Datasheet HTML 3Page - Texas Instruments LMV324MT/NOPB Datasheet HTML 4Page - Texas Instruments LMV324MT/NOPB Datasheet HTML 5Page - Texas Instruments LMV324MT/NOPB Datasheet HTML 6Page - Texas Instruments LMV324MT/NOPB Datasheet HTML 7Page - Texas Instruments LMV324MT/NOPB Datasheet HTML 8Page - Texas Instruments LMV324MT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
LMV321-N, LMV321-N-Q1, LMV358-N
LMV358-N-Q1, LMV324-N, LMV324-N-Q1
www.ti.com
SNOS012J – AUGUST 2000 – REVISED DECEMBER 2014
7.5 Thermal Information
LMV321-N,
LMV321-N
LMV324-N,
LMV358-N,
LMV321-N-Q1
LMV324-N-Q1
LMV358-N-Q1
THERMAL METRIC(1)
UNIT
DBV
DCK
D
PW
D
DGK
5 PINS
14 PINS
8 PINS
RθJA
Junction-to-ambient thermal
265
478
145
155
190
235
°C/W
resistance
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.6 2.7-V DC Electrical Characteristics
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 2.7 V, V− = 0 V, V
CM = 1.0 V, VO = V
+/2 and R
L > 1 MΩ.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
VOS
Input Offset Voltage
1.7
7
mV
TCVOS
Input Offset Voltage Average Drift
5
µV/°C
IB
Input Bias Current
11
250
nA
IOS
Input Offset Current
5
50
nA
CMRR
Common Mode Rejection Ratio
0 V
≤ VCM ≤ 1.7 V
50
63
dB
PSRR
Power Supply Rejection Ratio
2.7 V
≤ V+ ≤ 5 V
50
60
dB
VO = 1V
VCM
Input Common-Mode Voltage Range
For CMRR
≥ 50 dB
0
−0.2
V
1.9
1.7
V
VO
Output Swing
RL = 10 kΩ to 1.35 V
V+
−100
V+
−10
mV
60
180
mV
IS
Supply Current
LMV321-N
80
170
µA
LMV358-N
140
340
µA
Both amplifiers
LMV324-N
260
680
µA
All four amplifiers
(1)
All limits are ensured by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
7.7 2.7-V AC Electrical Characteristics
Unless otherwise specified, all limits specified for T J = 25°C, V
+ = 2.7 V, V− = 0 V, V
CM = 1.0 V, VO = V
+/2 and R
L > 1 MΩ.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
GBWP
Gain-Bandwidth Product
CL = 200 pF
1
MHz
Φm
Phase Margin
60
Deg
Gm
Gain Margin
10
dB
en
Input-Referred Voltage Noise
f = 1 kHz
46
in
Input-Referred Current Noise
f = 1 kHz
0.17
(1)
All limits are ensured by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
Copyright © 2000–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMV321-N LMV321-N-Q1 LMV358-N LMV358-N-Q1 LMV324-N LMV324-N-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com