Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV324MT/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMV324MT/NOPB
Description  Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV324MT/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMV324MT/NOPB Datasheet HTML 1Page - Texas Instruments LMV324MT/NOPB Datasheet HTML 2Page - Texas Instruments LMV324MT/NOPB Datasheet HTML 3Page - Texas Instruments LMV324MT/NOPB Datasheet HTML 4Page - Texas Instruments LMV324MT/NOPB Datasheet HTML 5Page - Texas Instruments LMV324MT/NOPB Datasheet HTML 6Page - Texas Instruments LMV324MT/NOPB Datasheet HTML 7Page - Texas Instruments LMV324MT/NOPB Datasheet HTML 8Page - Texas Instruments LMV324MT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
LMV321-N, LMV321-N-Q1, LMV358-N
LMV358-N-Q1, LMV324-N, LMV324-N-Q1
www.ti.com
SNOS012J – AUGUST 2000 – REVISED DECEMBER 2014
5 Description (Continued)
The LMV321-N is available in the space saving 5-Pin SC70, which is approximately half the size of the 5-Pin
SOT23. The small package saves space on PC boards and enables the design of small portable electronic
devices. It also allows the designer to place the device closer to the signal source to reduce noise pickup and
increase signal integrity.
The chips are built with Texas Instruments's advanced submicron silicon-gate BiCMOS process. The LMV321-
N/LMV358-N/LMV324-N have bipolar input and output stages for improved noise performance and higher output
current drive.
6 Pin Configuration and Functions
5-Pin SC70, SOT-23
8-Pin SOIC, VSSOP
14-Pin SOIC, TSSOP
DBV and DCK Package
D and DGK Package
D and PW Package
Top View
Top View
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
LMV321-N
LMV358-N D, LMV324-N D,
NAME
DVB, DCK
DGK
PW
+IN
1
-
-
I
Noninverting input
IN A+
-
3
3
I
Noninverting input, channel A
IN B+
-
5
5
I
Noninverting input, channel B
IN C+
-
-
10
I
Noninverting input, channel C
IN D+
-
-
12
I
Noninverting input, channel D
-IN
3
-
-
I
Inverting input
IN A-
-
2
2
I
Inverting input, channel A
IN B-
-
6
6
I
Inverting input, channel B
IN C-
-
-
9
I
Inverting input, channel C
IN D-
-
-
13
I
Inverting input, channel D
OUTPUT
4
-
-
O
Output
OUT A
-
1
1
O
Output, channel A
OUT B
-
7
7
O
Output, channel B
OUT C
-
-
8
O
Output , channel C
OUT D
-
-
14
O
Output, channel D
V+
5
8
4
P
Positive (highest) power supply
V-
2
4
11
P
Negative (lowest) power supply
Copyright © 2000–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMV321-N LMV321-N-Q1 LMV358-N LMV358-N-Q1 LMV324-N LMV324-N-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com