Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM358TPX/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM358TPX/NOPB
Description  Low-Power, Dual-Operational Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM358TPX/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM358TPX/NOPB Datasheet HTML 1Page - Texas Instruments LM358TPX/NOPB Datasheet HTML 2Page - Texas Instruments LM358TPX/NOPB Datasheet HTML 3Page - Texas Instruments LM358TPX/NOPB Datasheet HTML 4Page - Texas Instruments LM358TPX/NOPB Datasheet HTML 5Page - Texas Instruments LM358TPX/NOPB Datasheet HTML 6Page - Texas Instruments LM358TPX/NOPB Datasheet HTML 7Page - Texas Instruments LM358TPX/NOPB Datasheet HTML 8Page - Texas Instruments LM358TPX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LM158-N, LM258-N, LM2904-N, LM358-N
www.ti.com
SNOSBT3I – JANUARY 2000 – REVISED DECEMBER 2014
5 Pin Configuration and Functions
D, P, and NAB Package
8-Pin SOIC, PDIP, and CDIP
Top View
LMC Package
8-Pin TO-99
Top View
YPB Package
8-Pin DSBGA
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
D/P/LMC
DSBGA NO.
NAME
NO.
1
A1
OUTA
O
Output , Channel A
2
B1
-INA
I
Inverting Input, Channel A
3
C1
+INA
I
Non-Inverting Input, Channel A
Ground for Single supply configurations. negative supply for dual supply
4
C2
GND / V-
P
configurations
5
C3
+INB
I
Output, Channel B
6
B3
-INB
I
Inverting Input, Channel B
7
A3
OUTB
O
Non-Inverting Input, Channel B
8
A2
V+
P
Positive Supply
Copyright © 2000–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM158-N LM258-N LM2904-N LM358-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com