Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM358TPX/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM358TPX/NOPB
Description  Low-Power, Dual-Operational Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM358TPX/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM358TPX/NOPB Datasheet HTML 1Page - Texas Instruments LM358TPX/NOPB Datasheet HTML 2Page - Texas Instruments LM358TPX/NOPB Datasheet HTML 3Page - Texas Instruments LM358TPX/NOPB Datasheet HTML 4Page - Texas Instruments LM358TPX/NOPB Datasheet HTML 5Page - Texas Instruments LM358TPX/NOPB Datasheet HTML 6Page - Texas Instruments LM358TPX/NOPB Datasheet HTML 7Page - Texas Instruments LM358TPX/NOPB Datasheet HTML 8Page - Texas Instruments LM358TPX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LM158-N, LM258-N, LM2904-N, LM358-N
SNOSBT3I – JANUARY 2000 – REVISED DECEMBER 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
See
(1) (2) (3).
LM158, LM258,
LM358, LM158A,
LM2904
UNIT
LM258A, LM358A
MIN
MAX
MIN
MAX
Supply Voltage, V+
32
26
V
Differential Input Voltage
32
26
V
Input Voltage
−0.3
32
−0.3
26
V
Power Dissipation(4)
PDIP (P)
830
830
mW
TO-99 (LMC)
550
mW
SOIC (D)
530
530
mW
DSBGA (YPB)
435
mW
Output Short-Circuit to V+
≤ 15 V and TA = 25°C
Continuous
Continuou
GND
(One
s
Amplifier)(5)
Input Current (VIN < −0.3V)
(6)
50
50
mA
Temperature
−55
125
°C
PDIP Package (P): Soldering (10 seconds)
260
260
°C
SOIC Package (D)
Vapor Phase (60
215
215
°C
seconds)
Infrared (15 seconds)
220
220
°C
Lead Temperature
PDIP (P): (Soldering, 10 seconds)
260
260
°C
TO-99 (LMC): (Soldering, 10 seconds)
300
300
°C
Storage temperature, Tstg
−65
150
−65
150
°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Recommended Operating Conditions indicate
conditions for which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the
test conditions, see the Electrical Characteristics.
(2)
Refer to RETS158AX for LM158A military specifications and to RETS158X for LM158 military specifications.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(4)
For operating at high temperatures, the LM358/LM358A, LM2904 must be derated based on a 125°C maximum junction temperature
and a thermal resistance of 120°C/W for PDIP, 182°C/W for TO-99, 189°C/W for SOIC package, and 230°C/W for DSBGA, which
applies for the device soldered in a printed circuit board, operating in a still air ambient. The LM258/LM258A and LM158/LM158A can be
derated based on a +150°C maximum junction temperature. The dissipation is the total of both amplifiers—use external resistors, where
possible, to allow the amplifier to saturate or to reduce the power which is dissipated in the integrated circuit.
(5)
Short circuits from the output to V+ can cause excessive heating and eventual destruction. When considering short circuits to ground,
the maximum output current is approximately 40 mA independent of the magnitude of V+. At values of supply voltage in excess of +15
V, continuous short-circuits can exceed the power dissipation ratings and cause eventual destruction. Destructive dissipation can result
from simultaneous shorts on all amplifiers.
(6)
This input current will only exist when the voltage at any of the input leads is driven negative. It is due to the collector-base junction of
the input PNP transistors becoming forward biased and thereby acting as input diode clamps. In addition to this diode action, there is
also lateral NPN parasitic transistor action on the IC chip. This transistor action can cause the output voltages of the op amps to go to
the V+voltage level (or to ground for a large overdrive) for the time duration that an input is driven negative. This is not destructive and
normal output states will re-establish when the input voltage, which was negative, again returns to a value greater than
−0.3 V (at 25°C).
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±250
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
4
Submit Documentation Feedback
Copyright © 2000–2014, Texas Instruments Incorporated
Product Folder Links: LM158-N LM258-N LM2904-N LM358-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com