Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM358TPX/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM358TPX/NOPB
Description  Low-Power, Dual-Operational Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM358TPX/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM358TPX/NOPB Datasheet HTML 2Page - Texas Instruments LM358TPX/NOPB Datasheet HTML 3Page - Texas Instruments LM358TPX/NOPB Datasheet HTML 4Page - Texas Instruments LM358TPX/NOPB Datasheet HTML 5Page - Texas Instruments LM358TPX/NOPB Datasheet HTML 6Page - Texas Instruments LM358TPX/NOPB Datasheet HTML 7Page - Texas Instruments LM358TPX/NOPB Datasheet HTML 8Page - Texas Instruments LM358TPX/NOPB Datasheet HTML 9Page - Texas Instruments LM358TPX/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LM158-N, LM258-N, LM2904-N, LM358-N
SNOSBT3I – JANUARY 2000 – REVISED DECEMBER 2014
www.ti.com
Electrical Characteristics: LM158A, LM358A, LM158, LM258 (continued)
V
+ = +5.0 V, See(1), unless otherwise stated
LM158A
LM358A
LM158, LM258
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Power Supply
V+ = 5 V to 30 V
65
100
65
100
65
100
dB
Rejection Ratio
(LM2904, V+ = 5 V to 26 V),
TA = 25°C
Amplifier-to-Amplifier
f = 1 kHz to 20 kHz, TA =
−120
−120
−120
dB
Coupling
25°C (Input Referred), See(5)
Output Current
Source
VIN
+ = 1 V,
VIN
− = 0 V,
20
40
20
40
20
40
mA
V+ = 15 V,
VO = 2 V, TA = 25°C
Sink
VIN
− = 1 V, V
IN
+ = 0 V
V+ = 15 V, TA = 25°C,
10
20
10
20
10
20
mA
VO = 2 V
VIN
− = 1 V,
VIN
+ = 0 V
12
50
12
50
12
50
μA
TA = 25°C, VO = 200 mV,
V+ = 15 V
Short Circuit to Ground
TA = 25°C, See
(6), V+ = 15 V
40
60
40
60
40
60
mA
Input Offset Voltage
See(2)
4
5
7
mV
Input Offset Voltage Drift
RS = 0Ω
7
15
7
20
7
μV/°C
Input Offset Current
IIN(+) − IIN(−)
30
75
100
nA
Input Offset Current Drift
RS = 0Ω
10
200
10
300
10
pA/°C
Input Bias Current
IIN(+) or IIN(−)
40
100
40
200
40
300
nA
Input Common-Mode
V+ = 30 V, See(4) (LM2904,
0
V+
−2
0
V+
−2
0
V+
−2
V
Voltage Range
V+ = 26 V)
Large Signal Voltage Gain
V+ = +15 V
(VO = 1 V to 11 V)
25
15
25
V/mV
RL ≥ 2 kΩ
Output
VOH
V+ = +30 V
RL = 2
26
26
26
V
k
Ω
Voltage
RL =
27
28
27
28
27
28
V
(LM2904, V+ = 26 V)
10 k
Ω
Swing
VOL
V+ = 5V, RL = 10 kΩ
5
20
5
20
5
20
mV
Output Current
Source
VIN
+ = +1 V, V
IN
− = 0 V,
10
20
10
20
10
20
mA
V+ = 15 V, VO = 2 V
Sink
VIN
− = +1 V, V
IN
+ = 0 V,
10
15
5
8
5
8
mA
V+ = 15 V, VO = 2 V
(5)
Due to proximity of external components, insure that coupling is not originating via stray capacitance between these external parts. This
typically can be detected as this type of capacitance increases at higher frequencies.
(6)
Short circuits from the output to V+ can cause excessive heating and eventual destruction. When considering short circuits to ground,
the maximum output current is approximately 40 mA independent of the magnitude of V+. At values of supply voltage in excess of +15
V, continuous short-circuits can exceed the power dissipation ratings and cause eventual destruction. Destructive dissipation can result
from simultaneous shorts on all amplifiers.
6
Submit Documentation Feedback
Copyright © 2000–2014, Texas Instruments Incorporated
Product Folder Links: LM158-N LM258-N LM2904-N LM358-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com