Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPT112S Datasheet(PDF) 2 Page - Silicon Laboratories

Part # CPT112S
Description  No firmware development required
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CPT112S Datasheet(HTML) 2 Page - Silicon Laboratories

  CPT112S Datasheet HTML 1Page - Silicon Laboratories CPT112S Datasheet HTML 2Page - Silicon Laboratories CPT112S Datasheet HTML 3Page - Silicon Laboratories CPT112S Datasheet HTML 4Page - Silicon Laboratories CPT112S Datasheet HTML 5Page - Silicon Laboratories CPT112S Datasheet HTML 6Page - Silicon Laboratories CPT112S Datasheet HTML 7Page - Silicon Laboratories CPT112S Datasheet HTML 8Page - Silicon Laboratories CPT112S Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
1. Feature List and Ordering Information
The CPT112S has the following features:
• Capacitive sensing input engine with 12 inputs
• Post-sample touch qualification engine
• Configuration profile space in non-volatile memory
• I2C event buffer with interrupt pin to signal when new touch events have been qualified
• Low power state machine to minimize current draw in all use cases
• Capacitive proximity sensing input
• Buzzer output
• Mutually-exclusive touch qualifier
• Touch time-out timer
R
Tape and Reel (Optional)
G M
Temperature Grade — –40 to +85 °C (G)
12
T
1
S
A
Package Type
01
CP
Silicon Labs Xpress Product Line
Firmware Revision
Hardware Revision
Capacitive Sense Features — Slider (S)
Interface Type — GPO (0), I2C (1)
Number of Capacitive Sense Inputs
TouchXpress Family
Figure 1.1. CPT112S Part Numbering
CPT112S Data Sheet
Feature List and Ordering Information
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.1 | 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com