Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPT112S Datasheet(PDF) 23 Page - Silicon Laboratories

Part # CPT112S
Description  No firmware development required
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CPT112S Datasheet(HTML) 23 Page - Silicon Laboratories

Back Button CPT112S Datasheet HTML 19Page - Silicon Laboratories CPT112S Datasheet HTML 20Page - Silicon Laboratories CPT112S Datasheet HTML 21Page - Silicon Laboratories CPT112S Datasheet HTML 22Page - Silicon Laboratories CPT112S Datasheet HTML 23Page - Silicon Laboratories CPT112S Datasheet HTML 24Page - Silicon Laboratories CPT112S Datasheet HTML 25Page - Silicon Laboratories CPT112S Datasheet HTML 26Page - Silicon Laboratories CPT112S Datasheet HTML 27Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
The feature qualifies a touch release by adding the configured touch delta value for that sensor to the sensor's current baseline value.
By doing this, the raw data-to-baseline delta created by the touch will be removed, and the touch qualification engine will see this as a
touch release event.
When the user removes a finger from a sensor that had been qualified active but has been qualified released through touch timeout, the
resulting raw-to-baseline negative delta will be aggressively tracked downward by the baseline, resulting in a sensor that remains sensi-
tive to successive touches.
The touch timeout duration is configured globally, so all inputs are monitored for the same touch duration.
If both the touch timeout feature and the mutually exclusive button group feature are enabled, the timeout timer will only run on the
touch that is externally reported as being active.
4.6 Buzzer Output
4.6.1 Introduction
The buzzer output engine produces a square wave of a configurable duration and frequency when a capacitive sensing input goes from
inactive to active. The feature can be enabled and disabled through the configuration profile. The configuration profile also includes the
settings for active duration and frequency.
No Touch, Buzzer Inactive
Device Execution
Optimized
Active
sample
sample
Active
process
additional
processing
process
additional
processing
Sleep
sleep
sleep
Figure 4.7. Effects of the Buzzer on Current Draw — Active Mode, No Touch, Buzzer Inactive
Touch Detected, Buzzer Active
Device Execution
Optimized
Active
Active
additional
processing
Sleep
sleep
(stall)
sample
process
additional
processing
sleep
(stall)
sample
process
Figure 4.8. Effects of the Buzzer on Current Draw — Active Mode, Touch Detected, Buzzer Active
CPT112S Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.1 | 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com