| Electronic Components Datasheet Search |
|
CPT112S Datasheet(PDF) 22 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
CPT112S Datasheet(HTML) 22 Page - Silicon Laboratories |
|
22 / 35 page ![]() When a capacitive sensing input pin is designated as a slider input, it will no longer function as a 'button' input and will not generate button style touch/release events across the I2C buffer interface. Touching the slider pads and moving a finger along a slider pad generates an event packet of type Slider, with the remaining two bytes of the packet describing the calculated active position of the slider. The range of possible reported slider active positions can be 0 to the maximum value of the slider as defined in the configuration profile, which can be any value between 40 and 65534. The 65535 (0xFFFF) value is reserved for a slider untouched event. Position 0 is always assigned to the lowest CSxx sensor enabled as a slider input. The maximum position value of the slider is assigned to the highest CSxx sensor enabled as a slider input. All slider inputs in between are assumed to be routed to the slider contiguously, lowest to highest. Invalid Configuration Valid Configuration CS00 CS02 CS04 CS05 increasing slider position Valid Configuration CS03 CS02 CS01 CS00 increasing slider position CS00 CS02 CS01 CS03 Figure 4.6. Slider Behavior and Layout Constraints Slider touch qualification uses the same touch deltas and thresholds that are defined in the configuration profile for all enabled sensors. The user should configure slider sensors through the configuration profile, just as one would configure a sensor assigned to a capaci- tive button. For optimal performance, each sensor used in the slider should have roughly the same touch surface area dimensions. If the touch-timeout feature is enabled, slider-assigned inputs will also be subject to being qualified as releases by the touch-timeout feature. The mutually exclusive button grouping feature does not affect slider-assigned sensors. Even if the mutually exclusive button grouping feature is enabled, multiple slider-assigned sensors can still be used to resolve a finger's position on the slider. 4.5 Touch Time-Out The touch time-out feature can be enabled and disabled through the configuration profile. When enabled, the device will monitor touch event duration on each input independently. When a touch event exceeds a duration specified in the configuration profile, the device forces a release event, even if the user is still actively touching the sensor. CPT112S Data Sheet Functional Description silabs.com | Smart. Connected. Energy-friendly. Preliminary Rev. 0.1 | 21 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |