Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV331IDBVR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMV331IDBVR
Description  Quad General-purpose Low-voltage Comparators
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV331IDBVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMV331IDBVR Datasheet HTML 5Page - Texas Instruments LMV331IDBVR Datasheet HTML 6Page - Texas Instruments LMV331IDBVR Datasheet HTML 7Page - Texas Instruments LMV331IDBVR Datasheet HTML 8Page - Texas Instruments LMV331IDBVR Datasheet HTML 9Page - Texas Instruments LMV331IDBVR Datasheet HTML 10Page - Texas Instruments LMV331IDBVR Datasheet HTML 11Page - Texas Instruments LMV331IDBVR Datasheet HTML 12Page - Texas Instruments LMV331IDBVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
IN+
IN−
OUT
GND
R1
Q1
Q3
Q7
Q6
VCC+
Q2
Q4
Q5
R2
R3
Q8
Q9
LMV331, LMV393, LMV339
www.ti.com
SLCS136T – AUGUST 1999 – REVISED JANUARY 2015
8 Detailed Description
8.1 Overview
The LMV331, LMV393 and LMV339 family of comparators have the ability to operate up to 5 V on the supply pin.
This standard device has proven ubiquity and versatility across a wide range of applications. This is due to it's
low Iq and fast response.
The open-drain output allows the user to configure the output's logic low voltage (VOL) and can be utilized to
enable the comparator to be used in AND functionality.
8.2 Functional Block Diagram
8.3 Feature Description
The LMV331, LMV393 and LMV339 consists of a PNP input, whose Vbe creates a limit on the input common
mode voltage capability, allowing LMV33x to accurately function from ground to VCC–Vbe(~700mV) differential
input. This enables much head room for modern day supplies of 3.3 V and 5.0 V.
The output consists of an open drain NPN (pull-down or low side) transistor. The output NPN will sink current
when the positive input voltage is higher than the negative input voltage and the offset voltage. The VOL is
resistive and will scale with the output current. Please see Figure 3 for VOL values with respect to the output
current.
8.4 Device Functional Modes
8.4.1 Voltage Comparison
The LMV33x operates solely as a voltage comparator, comparing the differential voltage between the positive
and negative pins and outputs a logic low or high impedance (logic high with pull-up) based on the input
differential polarity.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com