Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV331IDBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMV331IDBVR
Description  Quad General-purpose Low-voltage Comparators
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV331IDBVR Datasheet(HTML) 1 Page - Texas Instruments

  LMV331IDBVR Datasheet HTML 1Page - Texas Instruments LMV331IDBVR Datasheet HTML 2Page - Texas Instruments LMV331IDBVR Datasheet HTML 3Page - Texas Instruments LMV331IDBVR Datasheet HTML 4Page - Texas Instruments LMV331IDBVR Datasheet HTML 5Page - Texas Instruments LMV331IDBVR Datasheet HTML 6Page - Texas Instruments LMV331IDBVR Datasheet HTML 7Page - Texas Instruments LMV331IDBVR Datasheet HTML 8Page - Texas Instruments LMV331IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
IN–
IN+
OUT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMV331, LMV393, LMV339
SLCS136T – AUGUST 1999 – REVISED JANUARY 2015
LMV331 Single, LMV393 Dual, LMV339 Quad General-purpose Low-voltage Comparators
1 Features
3 Description
The LMV393 and LMV339 devices are low-voltage
1
•
2.7-V and 5-V Performance
(2.7 V to 5.5 V) versions of the dual and quad
•
Low Supply Current
comparators, LM393 and LM339, which operate from
–
LMV331 130
μA Typ
5 V to 30 V. The LMV331 is the single-comparator
version.
–
LMV393 210
μA Typ
–
LMV339 410
μA Typ
The LMV331, LMV339, and LMV393 are the most
cost-effective solutions for applications where low-
•
Input Common-Mode Voltage Range Includes
voltage operation, low power, and space saving are
Ground
the primary specifications in circuit design for portable
•
Low Output Saturation Voltage 200 mV Typical
consumer
products.
These
devices
offer
•
Open-Collector Output for Maximum Flexibility
specifications that meet or exceed the familiar LM339
and LM393 devices at a fraction of the supply current.
2 Applications
Device Information(1)
•
Hysteresis Comparators
PART NUMBER
PACKAGE (PIN)
BODY SIZE (NOM)
•
Oscillators
LMV339
SOIC (14)
8.65 mm x 3.90 mm
•
Window Comparators
LMV393
SOIC (8)
4.90 mm x 3.90 mm
•
Industrial Equipment
LMV331
SC70 (5)
2.00 mm x 1.25 mm
•
Test and Measurement
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMV331IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV331IDBVR TI-LMV331IDBVR Datasheet
534Kb / 17P
GENRAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331IDBVR TI-LMV331IDBVR Datasheet
1Mb / 29P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331IDBVR TI-LMV331IDBVR Datasheet
1Mb / 30P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331IDBVRE4 TI-LMV331IDBVRE4 Datasheet
534Kb / 17P
GENRAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331IDBVRE4 TI-LMV331IDBVRE4 Datasheet
1Mb / 29P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
More results

Similar Description - LMV331IDBVR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV331 ONSEMI-LMV331 Datasheet
916Kb / 21P
Single, Dual, Quad General Purpose, Low Voltage Comparators
October, 2009 ??Rev. 3
logo
Texas Instruments
LMV331 TI-LMV331_11 Datasheet
1Mb / 29P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331-Q1 TI-LMV331-Q1 Datasheet
297Kb / 12P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331 TI1-LMV331 Datasheet
483Kb / 22P
Quad General Purpose, Low Voltage, Tiny Pack Comparators
logo
Maxim Integrated Produc...
MAX9092 MAXIM-MAX9092 Datasheet
1Mb / 11P
General-Purpose, Low-Voltage, Dual/Quad, Tiny Pack Comparators
Rev 0; 7/12
logo
Texas Instruments
LMV339IPWRG4 TI-LMV339IPWRG4 Datasheet
1Mb / 30P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV393QDR TI-LMV393QDR Datasheet
764Kb / 14P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331-Q1 TI1-LMV331-Q1_14 Datasheet
779Kb / 15P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
logo
ON Semiconductor
LMV331 ONSEMI-LMV331_14 Datasheet
842Kb / 19P
Single, Dual, Quad General Purpose, Low Voltage Comparators
November, 2014 ??Rev. 7
LMV331 ONSEMI-LMV331_17 Datasheet
845Kb / 20P
Single, Dual, Quad General Purpose, Low Voltage Comparators
June, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com