Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV331IDBVR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMV331IDBVR
Description  Quad General-purpose Low-voltage Comparators
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV331IDBVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMV331IDBVR Datasheet HTML 6Page - Texas Instruments LMV331IDBVR Datasheet HTML 7Page - Texas Instruments LMV331IDBVR Datasheet HTML 8Page - Texas Instruments LMV331IDBVR Datasheet HTML 9Page - Texas Instruments LMV331IDBVR Datasheet HTML 10Page - Texas Instruments LMV331IDBVR Datasheet HTML 11Page - Texas Instruments LMV331IDBVR Datasheet HTML 12Page - Texas Instruments LMV331IDBVR Datasheet HTML 13Page - Texas Instruments LMV331IDBVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
+
LMV33x
VLOGIC
VSUP
Vref
Vin
+
LMV33x
Vin-
Vin+
Rpullup
Rpullup
VLOGIC
VSUP
CL
CL
LMV331, LMV393, LMV339
SLCS136T – AUGUST 1999 – REVISED JANUARY 2015
www.ti.com
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
LMV331, LMV393, and LMV339 will typically be used to compare a single signal to a reference or two signals
against each other. Many users take advantage of the open drain output to drive the comparison logic output to a
logic voltage level to an MCU or logic device. The wide supply range and high voltage capability makes LMV331,
LMV393, and LMV33 optimal for level shifting to a higher or lower voltage.
9.2 Typical Application
Figure 9. Typical Application Schematic
9.2.1 Design Requirements
For this design example, use the parameters listed in Table 1 as the input parameters.
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input Voltage Range
0 V to 4.2 V
Supply Voltage
2.7 V to 5V
Logic Supply Voltage (RPULLUP Voltage)
1 V to 5 V
Output Current (VLOGIC/RPULLUP)
1 µA to 20 mA
Input Overdrive Voltage
100 mV
Reference Voltage
2.5 V
Load Capacitance (CL)
15 pF
9.2.2 Detailed Design Procedure
When using LMV331, LMV393, and LMV33 in a general comparator application, determine the following:
•
Input Voltage Range
•
Minimum Overdrive Voltage
•
Output and Drive Current
•
Response Time
10
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com